Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE3836-36 Datasheet(PDF) 2 Page - Pasternack Enterprises, Inc.

Part # PE3836-36
Description  SMA Male Right Angle to SMA Female Bulkhead Cable 36 Inch Length
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3836-36 Datasheet(HTML) 2 Page - Pasternack Enterprises, Inc.

  PE3836-36 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3836-36 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3836-36 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3836-36 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
Connectors
Description
Connector 1
Connector 2
Type
SMA Male Right Angle
SMA Female Bulkhead
Specification
MIL-STD-348A
Impedance
50 Ohms
50 Ohms
Connection Method
Standard
Standard
Contact Material and Plating
Brass, Gold
Gold
Contact Plating Specification
50µ in. minimum
Dielectric Type
Teflon
Hex Size
5/16 in
Torque
5 in-lbs [0.57 Nm]
[ ]
Body Material and Plating
Brass, Nickel
Brass, Nickel
Body Plating Specification
100µ in. minimum
.
Environmental Specifications
Compliance Certifications (visit www.Pasternack.com for current document)
For RoHS Compliant version, use PE3836LF-36. Contact Pasternack if product cannot be found.
REACH Compliant
06/18/2012
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
PE3836-36 REV
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: SMA Male Right Angle to SMA Female Bulkhead Cable 36 Inch Length Using RG316 Coax
PE3836-36
SMA Male Right Angle to SMA Female Bulkhead
Cable 36 Inch Length Using RG316 Coax
RF Cable Assemblies - PE3836-36



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com