Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE37940-48 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE37940-48
Description  N Male to N Male Cable 48 Inch Length Using PE-C195 Coax, RoHS
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE37940-48 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE37940-48 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE37940-48 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE37940-48 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE37940-48 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
Configuration
• Connector 1: N Male
• Connector 2: N Male
• Cable Type: PE-C195
.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
5.8
GHz
VSWR
1.4:1
Velocity of Propagation
80
%
RF Shielding
90
dB
Capacitance
25.4 [83.33]
pF/ft [pF/m]
Jacket Spark
5,000
Vrms
.
Specifications by Frequency
Description
F1
F2
F3
F4
F5
Units
Frequency
250
500
1000
2.5
5.8
MHz
Insertion Loss
0.42
0.514
0.646
0.924
1.328
dB
VSWR
1.4:1
1.4:1
1.4:1
1.4:1
1.4:1
Return Loss
15.56
15.563
15.563
15.563
15.563
dB
.
Mechanical Specifications
Cable Assembly
Length
48 in [121.92 cm]
Diameter
0.83 in [21.08 mm]
.
Weight
0.142 lbs [64.41 g]
Cable Color
Black
Connection Type
In-Series
One Time Minimum Bend Radius
0.5 in [12.7 mm]
Repeated Minimum Bend Radius
2 in [50.8 mm]
Cable
Cable Type
PE-C195
Impedance
50 Ohms
Inner Conductor Type
Solid
Inner Conductor Material and Plating
Copper
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: N Male to N Male Cable 48 Inch Length Using PE-C195 Coax, RoHS PE37940-48
PE37940-48 REV
N Male to N Male Cable 48 Inch Length
Using PE-C195 Coax, RoHS
RF Cable Assemblies - PE37940-48


Similar Part No. - PE37940-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE37940-120 PASTERNACK-PE37940-120 Datasheet
366Kb / 4P
N Male to N Male Cable 120 Inch Length Using PE-C195 Coax, RoHS
PE37940-36 PASTERNACK-PE37940-36 Datasheet
366Kb / 4P
N Male to N Male Cable 36 Inch Length Using PE-C195 Coax, RoHS
PE37940-60 PASTERNACK-PE37940-60 Datasheet
366Kb / 4P
N Male to N Male Cable 60 Inch Length Using PE-C195 Coax, RoHS
PE37940-72 PASTERNACK-PE37940-72 Datasheet
366Kb / 4P
N Male to N Male Cable 72 Inch Length Using PE-C195 Coax, RoHS
More results

Similar Description - PE37940-48

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE35785-12 PASTERNACK-PE35785-12 Datasheet
398Kb / 4P
N Male to TNC Male Cable 12 Inch Length Using PE-C195 Coax
PE35785-24 PASTERNACK-PE35785-24 Datasheet
398Kb / 4P
N Male to TNC Male Cable 24 Inch Length Using PE-C195 Coax
PE35785-36 PASTERNACK-PE35785-36 Datasheet
398Kb / 4P
N Male to TNC Male Cable 36 Inch Length Using PE-C195 Coax
PE35785-48 PASTERNACK-PE35785-48 Datasheet
398Kb / 4P
N Male to TNC Male Cable 48 Inch Length Using PE-C195 Coax
PE35785-60 PASTERNACK-PE35785-60 Datasheet
398Kb / 4P
N Male to TNC Male Cable 60 Inch Length Using PE-C195 Coax
PE37940-36 PASTERNACK-PE37940-36 Datasheet
366Kb / 4P
N Male to N Male Cable 36 Inch Length Using PE-C195 Coax, RoHS
PE37940-60 PASTERNACK-PE37940-60 Datasheet
366Kb / 4P
N Male to N Male Cable 60 Inch Length Using PE-C195 Coax, RoHS
PE37940-72 PASTERNACK-PE37940-72 Datasheet
366Kb / 4P
N Male to N Male Cable 72 Inch Length Using PE-C195 Coax, RoHS
PE37940-120 PASTERNACK-PE37940-120 Datasheet
366Kb / 4P
N Male to N Male Cable 120 Inch Length Using PE-C195 Coax, RoHS
PE37940 PASTERNACK-PE37940 Datasheet
366Kb / 4P
N Male to N Male Cable Using PE-C195 Coax, RoHS
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com