Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JCS15N60H Datasheet(PDF) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JCS15N60H
Description  N-CHANNEL MOSFET
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JCS15N60H Datasheet(HTML) 5 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JCS15N60H Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS15N60H Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS15N60H Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS15N60H Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS15N60H Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS15N60H Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS15N60H Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS15N60H Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JCS15N60H Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
R
JCS15N60H
版本:201507C
5/10
特征曲线
ELECTRICAL CHARACTERISTICS (curves)
1
10
1
10
100
V
GS
Top
15V
10V
9V
8V
7V
6.5V
6V
5.5V
Bottom 5V
Notes:
1. 250μs pulse test
2. T
C=25
V
DS [V]
2
3
4
5
6
7
8
9
10
0.1
1
10
No te s:
1. 25 0μ s p ulse te st
2. V
DS=20V
25
V
GS [V ]
150
0
2
4
6
8
10
12
14
16
18
20
22
0 .3 0
0 .3 5
0 .4 0
0 .4 5
0 .5 0
0 .5 5
0 .6 0
0 .6 5
0 .7 0
0 .7 5
0 .8 0
N o te :T
j=2 5
V
GS= 10V
V
GS= 20V
I
D [ A ]
0.1
1
10
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1.0
1.1
Not es :
1. 2 50μ s pul se t es t
2. V
GS=0 V
25
150
V
SD [ V ]
On-Region Characteristics
Transfer Characteristics
On-Resistance Variation vs.
Drain Current and Gate Voltage
Body Diode Forward Voltage Variation
vs. Source Current and Temperature
Capacitance Characteristics
Gate Charge Characteristics
10
-1
10
0
10
1
10
100
1000
10000
Coss
Ciss
Crss
*Note:
1. V
GS=0V
2. f=1 MHz
C
iss=Cgs+Cgd(Cds=shorted)
C
oss=Cds+Cgd
C
rss=Cgd
V
DS Drain-Source Voltage [V]
0
2
4
6
8
10
12
0
10
20
30
40
*NOTE:ID=15A
V
DS=480V
V
DS=380V
V
DS=120V
Q
g Toltal Gate Charge [nC]



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com