Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

THS7530PWPR Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # THS7530PWPR
Description  HIGH-SPEED, FULLY DIFFERENTIAL, CONTINUOUSLY VARIABLE GAIN AMPLIFIER
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

THS7530PWPR Datasheet(HTML) 7 Page - Texas Instruments

Back Button THS7530PWPR Datasheet HTML 3Page - Texas Instruments THS7530PWPR Datasheet HTML 4Page - Texas Instruments THS7530PWPR Datasheet HTML 5Page - Texas Instruments THS7530PWPR Datasheet HTML 6Page - Texas Instruments THS7530PWPR Datasheet HTML 7Page - Texas Instruments THS7530PWPR Datasheet HTML 8Page - Texas Instruments THS7530PWPR Datasheet HTML 9Page - Texas Instruments THS7530PWPR Datasheet HTML 10Page - Texas Instruments THS7530PWPR Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 16 page
background image
THS7530
SLOS405A DECEMBER 2002– REVISED APRIL 2003
www.ti.com
7
TYPICAL CHARACTERISTICS
TABLE OF GRAPHS
Measured using the ac test circuit shown in Figure 1 (unless otherwise noted).
FIGURE
Voltage Gain to Load
vs Frequency (Input at 45 dBm)
3
Gain and Gain Error
vs VG+
4
Noise Figure
vs Frequency
5
Output Intercept Point
vs Frequency
6
1-dB Compression Point
vs Frequency
7
Total Input Voltage Noise
vs Frequency
8
Intermodulation Distortion
vs Frequency
9
Harmonic Distortion
vs Frequency
10
S–Parameters
vs Frequency
11
Differential Input Impedance of Main Amplifier
vs Frequency
12
Differential Output Impedance of Main Amplifier
vs Frequency
13
VG+ Input Impedance
vs Frequency
14
VOCM Input Impedance
vs Frequency
15
Common-Mode Rejection Ratio
vs Frequency
16
Step Response – 2 VPP
vs Time
17
Step Response – Rising Edge
vs Time
18
Step Response – Falling Edge
vs Time
19
Figure 3
–10
0
10
20
30
40
50
1
10
100
1000
Maximum Gain
Minimum Gain
Gain is taken at load. Add 6 dB
to refer to amplifier output.
f – Frequency – MHz
VOLTAGE GAIN TO LOAD
vs
FREQUENCY (PIN = –45 dBm)
Figure 4
0
5
10
15
20
25
30
35
40
45
0
200
400
600
800
1000
–0.8
–0.6
–0.4
–0.2
0
0.2
0.4
V – VG+ – mV
GAIN AND GAIN ERROR
vs
VG+
Gain
Gain Error



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com