Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS4984 Datasheet(PDF) 2 Page - STMicroelectronics

Part # TS4984
Description  2 x 1W Stereo audio power amplifier with active low standby mode
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS4984 Datasheet(HTML) 2 Page - STMicroelectronics

  TS4984 Datasheet HTML 1Page - STMicroelectronics TS4984 Datasheet HTML 2Page - STMicroelectronics TS4984 Datasheet HTML 3Page - STMicroelectronics TS4984 Datasheet HTML 4Page - STMicroelectronics TS4984 Datasheet HTML 5Page - STMicroelectronics TS4984 Datasheet HTML 6Page - STMicroelectronics TS4984 Datasheet HTML 7Page - STMicroelectronics TS4984 Datasheet HTML 8Page - STMicroelectronics TS4984 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 29 page
background image
TS4984
Typical Application
2/29
1
Typical Application
Figure 1 shows a schematic view of a typical audio amplification application using the TS4984. Table 1
describes the components used in this typical application.
Figure 1: Typical application schematic
Table 1: External component descriptions
Components
Functional Description
RIN L,R
Inverting input resistors which sets the closed loop gain in conjunction with Rfeed. These resistors
also form a high pass filter with CIN (fc = 1 / (2 x Pi x RIN x CIN)).
CIN L,R
Input coupling capacitors which blocks the DC voltage at the amplifier input terminal.
RFEED L,R
Feedback resistors which sets the closed loop gain in conjunction with RIN.
CS
Supply Bypass capacitor which provides power supply filtering.
CB
Bypass pin capacitor which provides half supply filtering.
AV L, R
Closed loop gain in BTL configuration = 2 x (RFEED / RIN) on each channel.
1
2
12
16
15
Bias
3
AV = -1
Bypass L
Standby
+
-
+
-
AV = -1
+
-
+
-
10
9
8
7
11
Bypass R
VO-L
VO+L
VO-R
VO+R
IN-L
IN+L
IN+R
IN-R
U1
TS4984
VCC
Cs
1u
1
2
3
VCC
Rin-L
Cin-L
Input L
GND
Rin-R
Cin-R
Input R
GND
Cfeed-L
Rfeed-L
Cfeed-R
Rfeed-R
Cb
1u
Neg. Output L
Pos. Output L
Neg. Output R
Pos. Output R
Wire optional
Internal connection
22k
22k
22k
22k
100n
100n



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com