Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V850E/SV2 Datasheet(PDF) 39 Page - NEC

Part # V850E/SV2
Description  32-Bit Microprocessor Core
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

V850E/SV2 Datasheet(HTML) 39 Page - NEC

Back Button V850E/SV2 Datasheet HTML 35Page - NEC V850E/SV2 Datasheet HTML 36Page - NEC V850E/SV2 Datasheet HTML 37Page - NEC V850E/SV2 Datasheet HTML 38Page - NEC V850E/SV2 Datasheet HTML 39Page - NEC V850E/SV2 Datasheet HTML 40Page - NEC V850E/SV2 Datasheet HTML 41Page - NEC V850E/SV2 Datasheet HTML 42Page - NEC V850E/SV2 Datasheet HTML 43Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 39 / 226 page
background image
CHAPTER 4 ADDRESS SPACE
User’s Manual U14559EJ3V1UM
39
4.2 Addressing Mode
The CPU generates two types of addresses: instruction addresses used for instruction fetch and branch
operations; and operand addresses used for data access.
4.2.1 Instruction address
An instruction address is determined by the contents of the program counter (PC), and is automatically
incremented (+2) according to the number of bytes of an instruction to be fetched each time an instruction is executed.
When a branch instruction is executed, the branch destination address is loaded into the PC using one of the following
two addressing modes.
(1) Relative addressing (PC relative)
The signed 9- or 22-bit data of an instruction code (displacement: disp
×) is added to the value of the program
counter (PC). At this time, the displacement is treated as 2’s complement data with bits 8 and 21 serving as sign
bits (S).
This addressing is used for the JARL disp22, reg2, JR disp22, and Bcond disp9 instructions.
Figure 4-2. Relative Addressing (1/2)
(a) JARL disp22, reg2 instruction, JR disp22 instruction
31
25
0
0PC
000 00
31
22
0
Sign extension
S
+
21
0
disp22
Memory to be manipulated
31
25
0
0PC
000 00
26
26
0
0



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com