Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

V850E/IA3 Datasheet(PDF) 74 Page - NEC

Part # V850E/IA3
Description  32-Bit Microprocessor Core
PDF  226 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

V850E/IA3 Datasheet(HTML) 74 Page - NEC

Back Button V850E/IA3 Datasheet HTML 70Page - NEC V850E/IA3 Datasheet HTML 71Page - NEC V850E/IA3 Datasheet HTML 72Page - NEC V850E/IA3 Datasheet HTML 73Page - NEC V850E/IA3 Datasheet HTML 74Page - NEC V850E/IA3 Datasheet HTML 75Page - NEC V850E/IA3 Datasheet HTML 76Page - NEC V850E/IA3 Datasheet HTML 77Page - NEC V850E/IA3 Datasheet HTML 78Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 226 page
background image
CHAPTER 5 INSTRUCTIONS
User’s Manual U14559EJ3V1UM
74
<Arithmetic operation instruction>
Divide halfword unsigned
DIVHU
Divide Halfword Unsigned
Instruction format
DIVHU reg1, reg2, reg3
Operation
GR [reg2]
← GR [reg2] ÷ GR [reg1]
GR [reg3]
← GR [reg2] % GR [reg1]
Format
Format XI
Opcode
15
0
31
16
rrrrr111111RRRRR
wwwww01010000010
Flag
CY
–
OV
1 if overflow occurs; otherwise, 0.
S
1 if the MSB of the word data of the operation result is 1; otherwise, 0.
Z
1 if the result of an operation is 0; otherwise, 0.
SAT
–
Explanation
Divides the word data of general-purpose register reg2 by the lower halfword data of general-
purpose register reg1, and stores the quotient in general-purpose register reg2, and the
remainder in general-purpose register reg3. If the data is divided by 0, overflow occurs, and the
quotient is undefined. The data of general-purpose register reg1 is not affected.
Remark
Overflow occurs when data is divided by 0 (in which case the quotient is undefined).
If an interrupt occurs while this instruction is being executed, execution is aborted, and the
interrupt is serviced.
Upon returning from the interrupt, the execution is restarted from the
beginning, with the return address being the address of this instruction. Also, general-purpose
registers reg1 and reg2 will retain their original values prior to the start of execution.
If the address of reg2 is the same as the address of reg3, the remainder is stored in reg2
(= reg3).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com