Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AD9925BBCZRL Datasheet(PDF) 89 Page - Analog Devices

Part # AD9925BBCZRL
Description  CCD Signal Processor with Vertical Driver and Precision Timing Generator
PDF  96 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9925BBCZRL Datasheet(HTML) 89 Page - Analog Devices

Back Button AD9925BBCZRL Datasheet HTML 85Page - Analog Devices AD9925BBCZRL Datasheet HTML 86Page - Analog Devices AD9925BBCZRL Datasheet HTML 87Page - Analog Devices AD9925BBCZRL Datasheet HTML 88Page - Analog Devices AD9925BBCZRL Datasheet HTML 89Page - Analog Devices AD9925BBCZRL Datasheet HTML 90Page - Analog Devices AD9925BBCZRL Datasheet HTML 91Page - Analog Devices AD9925BBCZRL Datasheet HTML 92Page - Analog Devices AD9925BBCZRL Datasheet HTML 93Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 89 / 96 page
background image
AD9925
Rev. A | Page 89 of 96
Table 79. XV7 and XV8 Pattern Group 5 (VPAT5) Registers
Address
Data Bit Content
Default Value
Register Name
Register Description
28
[0]
[1]
[11:2]
[23:12]
X
X
X
X
XV7POL_5
XV8POL_5
UNUSED
XV78LEN_5
VPAT5 XV7 Start Polarity
VPAT5 XV8 Start Polarity
Unused
Total Length of XV7 and XV8 Pattern for VPAT5
29
[11:0]
[23:12]
X
X
XV7TOG1_5
XV7TOG2_5
XV7 Toggle Position 1
XV7 Toggle Position 2
2A
[11:0]
[23:12]
X
X
XV7TOG3_5
XV8TOG1_5
XV7 Toggle Position 3
XV8 Toggle Position 1
2B
[11:0]
[23:12]
X
X
XV8TOG2_5
XV8TOG3_5
XV8 Toggle Position 2
XV8 Toggle Position 3
2C
[11:0]
[23:12]
X
X
XV7TOG4_5
XV8TOG4_5
XV7 Toggle Position 4
XV8 Toggle Position 4
2D
[23:0]
X
UNUSED
Unused
2E
[23:0]
X
UNUSED
Unused
2F
[23:0]
X
UNUSED
Unused
Table 80. XV7 and XV8 Pattern Group 6 (VPAT6) Registers
Address
Data Bit Content
Default Value
Register Name
Register Description
30
[0]
[1]
[11:2]
[23:12]
X
X
X
X
XV7POL_6
XV8POL_6
UNUSED
XV78LEN_6
VPAT6 XV7 Start Polarity
VPAT6 XV8 Start Polarity
Unused
Total Length of XV7 and XV8 Pattern for VPAT6
31
[11:0]
[23:12]
X
X
XV7TOG1_6
XV7TOG2_6
XV7 Toggle Position 1
XV7 Toggle Position 2
32
[11:0]
[23:12]
X
X
XV7TOG3_6
XV8TOG1_6
XV7 Toggle Position 3
XV8 Toggle Position 1
33
[11:0]
[23:12]
X
X
XV8TOG2_6
XV8TOG3_6
XV8 Toggle Position 2
XV8 Toggle Position 3
34
[11:0]
[23:12]
X
X
XV7TOG4_6
XV8TOG4_6
XV7 Toggle Position 4
XV8 Toggle Position 4
35
[23:0]
X
UNUSED
Unused
36
[23:0]
X
UNUSED
Unused
37
[23:0]
X
UNUSED
Unused
Table 81. XV7 and XV8 Pattern Group 7 (VPAT7) Registers
Address
Data Bit Content
Default Value
Register Name
Register Description
38
[0]
[1]
[11:2]
[23:12]
X
X
X
X
XV7POL_7
XV8POL_7
UNUSED
XV78LEN_7
VPAT7 XV7 Start Polarity
VPAT7 XV8 Start Polarity
Unused
Total Length of XV7 and XV8 Pattern for VPAT7
39
[11:0]
[23:12]
X
X
XV7TOG1_7
XV7TOG2_7
XV7 Toggle Position 1
XV7 Toggle Position 2
3A
[11:0]
[23:12]
X
X
XV7TOG3_7
XV8TOG1_7
XV7 Toggle Position 3
XV8 Toggle Position 1
3B
[11:0]
[23:12]
X
X
XV8TOG2_7
XV8TOG3_7
XV8 Toggle Position 2
XV8 Toggle Position 3
3C
[11:0]
[23:12]
X
X
XV7TOG4_7
XV8TOG4_7
XV7 Toggle Position 4
XV8 Toggle Position 4
3D
[23:0]
X
UNUSED
Unused
3E
[23:0]
X
UNUSED
Unused
3F
[23:0]
X
UNUSED
Unused



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com