Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATR2815TF/ES Datasheet(PDF) 2 Page - International Rectifier

Part # ATR2815TF/ES
Description  ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATR2815TF/ES Datasheet(HTML) 2 Page - International Rectifier

  ATR2815TF/ES Datasheet HTML 1Page - International Rectifier ATR2815TF/ES Datasheet HTML 2Page - International Rectifier ATR2815TF/ES Datasheet HTML 3Page - International Rectifier ATR2815TF/ES Datasheet HTML 4Page - International Rectifier ATR2815TF/ES Datasheet HTML 5Page - International Rectifier ATR2815TF/ES Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
2
www.irf.com
ATR28XXT Series
Specifications
T
CASE = -55°C to +125°C, VIN = +28V ± 5% unless otherwise specified
For Notes to Specifications, refer to page 3
ABSOLUTE MAXIMUM RATINGS
1
Input Voltage Range
-0.5V to 50VDC
Power Output
Internal limited 37.5W
Lead Temperature
+300
°C
Storage Temperature
-65
°C to 150°C case
ATR2812T
ATR2815T
Test
Symbol
Conditions
-55
°C ≤ TC ≤ +125°C,
VIN = 28 VDC ±5%, CL=0,
unless otherwise specified
Min
Max
Min
Max
Units
STATIC CHARACTERISTICS
OUTPUT
Voltage1
VOUT
IOUT = 0 (main) +25
°C
4.95
5.05
4.95
5.05
VDC
over temp. range
4.90
5.10
4.90
5.10
VDC
IOUT = 0 (dual)1 +25
°C
over temp. range
±11.88
±11.76
±12.12
±12.24
±14.85
±14.70
±15.15
±15.30
VDC
VDC
Current1,2,3,4
IOUT
VIN = 16, 28, and 40VDC (main)
100.0
4000
100.0
4000
mA
VIN = 16, 28, and 40VDC
(dual)1
0.0
±625
0.0
±500
mA
Ripple1,5
VRIP
VIN = 16, 28, and 40VDC (dual)
BW = 20Hz to 2MHz (main)
VIN = 16, 28, and 40 VDC
BW = 20Hz to 2 MHz (dual)
60
40
60
40
mVp-p
mVp-p
REGULATION
Line1,3
Load1,3
VRLINE
VRLOAD
VIN = 16, 28, and 40 VDC
POUT = .5, 10, 20W (main)
VIN = 16, 28, and 40 VDC(dual)
POUT = 0, 5, 10W (dual)
VIN = 16, 28, and 40 VDC
POUT = .5, 10, 20W (main)
VIN = 16, 28, and 40 VDC
POUT = o, 5, 10W (dual)
±25
±60
±50
±60
±25
±75
±50
±75
mV
mV
mV
mV
INPUT
Current
Ripple Current4
IIN
IRIP
IOUT = 0, inhibit (pin 8)
Tied to input return (pin 10)
IOUT = 0, inhibit (pin 8) = open
IOUT = 4000mA (main)
POUT = 10W (dual)
BW = 20Hz to 2MHz
15
75
50
15
75
50
mA
mA
mAp-p
EFFICIENCY
EFF
IOUT = 4000mA (main) +25
°C
POUT = 10W (dual)
over temp. range
75
72
75
72
%
ISOLATION
ISO
Input to output or any pin to case
(except pin 8)at 500 TC=+25
°C
100
100
M
Ω
Load Fault Power Dissipation3
PD
Overload
Short circuit
14
9
14
9
W
W
Switching Frequency
FS
500
600
500
600
KHz
SYNC Frequency Range
FSYNC
50% load to/from 100% load
no load to/from 50% load
500
700
500
700
KHz
Inhibit Open Circuit Voltage
VOI
9
13
9
13
V
Output Response to
Step transient
Load changes7
VOTLOA
D
50% load to/from 100% load
No load to/from 50% load
-500
-1000
+500
+1000
-500
-1000
+500
+1000
mVpk
Recovery Time Step
Step transient
Load changes7,8
TTLOAD
50% load to/from 100% load
No load to 50% load
50% load to no load
200
5
10
200
5
10
µs
ms
ms



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com