Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

ATR2815TF/HB Datasheet(PDF) 3 Page - International Rectifier

Part # ATR2815TF/HB
Description  ADVANCED ANALOG HYBRID-HIGH RELIABILITY DC/DC CONVERTERS
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IRF [International Rectifier]
Direct Link  http://www.irf.com
Logo IRF - International Rectifier

ATR2815TF/HB Datasheet(HTML) 3 Page - International Rectifier

  ATR2815TF/HB Datasheet HTML 1Page - International Rectifier ATR2815TF/HB Datasheet HTML 2Page - International Rectifier ATR2815TF/HB Datasheet HTML 3Page - International Rectifier ATR2815TF/HB Datasheet HTML 4Page - International Rectifier ATR2815TF/HB Datasheet HTML 5Page - International Rectifier ATR2815TF/HB Datasheet HTML 6Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
www.irf.com
3
ATR28XXT Series
T
CASE = -55°C to +125°C, VIN = +28V ± 5% unless otherwise specified
Notes to Specifications
Specifications
1.
Tested at each output.
2.
Parameter guaranteed byline and load regulation tests.
3.
Although operation with no load is permissible, light loading on the main (+5 volt) output may cause the output voltage of the
auxiliary outputs (
±12 volt or ±15 volt) to drop out of regulation. It is therefore recommended that at least 100mA or 20 percent of
the output power, whichever is greater, be taken from the main (+5 volt) output.
4.
Total combined output power –30 watts.
5.
Bandwidth guaranteed by design. Tested for 20KHz to 2MHz.
6.
An overload is that condition with a load in excess of the rated load but less than that necessary to trigger the overload protection
circuit and is the condition of maximum power dissipation.
7.
Load step transition time between 2 and 10 microseconds.
8.
Recovery time is measured from the initiation of the transient to where V
OUT has returned to within ±1 percent of VOUT at 50 percent
load.
9.
Input step transition time between 2 to 10 microseconds.
10. Parameter shall be tested as part of design characterization and after design or process changes. Thereafter parameters shall be
guaranteed to the limits specified in the table.
11. Turn on delay time measurement is for either a step application of power at the input or the removal of a ground signal from the
inhibit pin (pin 8) while power is applied to the input.
ABSOLUTE MAXIMUM RATINGS
Input Voltage
-0.5V to 50VDC
Power Output
Internally limited, 37.5W typical
Soldering
300
°C for 10 seconds
Temperature Range6
Operating
-55
°C to +135°C case
Storage
-65
°C to +135°C
ATR2812T
ATR2815T
Test
Symbol
Conditions
-55
°C ≤ TC ≤ +125°C,
VIN = 28 VDC ±5%, CL=0,
unless otherwise specified
Min
Max
Min
Max
Units
STATIC CHARACTERISTICS
Output Response to
Transient step9
Line changes10
VOTLINE
Input step 16 from/to 40 VDC
IOUT = 4000mA (main)
POUT = 10W (dual)
±1500
±1500
mV pk
Recovery Time8
Transient step9
Line changes10
TTLINE
Input step 16 from/to 40 VDC
IOUT = 4000mA (main)
POUT = 10W (dual)
10
10
ms
Turn on Overshoot1
VTonOS
IOUT = 0, and 4000mA (main)
POUT = 0, 10W (dual)
1000
1000
mV pk
Turn on Delay 1, 11
TonD
IOUT = 0, 4000mA (main)
POUT = 0, 10W (dual)
25
25
ms
Load Fault Recovery10
TRLF
25
25
ms
Device weight
65
65
g



Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com