Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD7760EB Datasheet(PDF) 5 Page - Analog Devices

Part # EVAL-AD7760EB
Description  Sigma-Delta ADC with On-Chip Buffer
PDF  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7760EB Datasheet(HTML) 5 Page - Analog Devices

  EVAL-AD7760EB Datasheet HTML 1Page - Analog Devices EVAL-AD7760EB Datasheet HTML 2Page - Analog Devices EVAL-AD7760EB Datasheet HTML 3Page - Analog Devices EVAL-AD7760EB Datasheet HTML 4Page - Analog Devices EVAL-AD7760EB Datasheet HTML 5Page - Analog Devices EVAL-AD7760EB Datasheet HTML 6Page - Analog Devices EVAL-AD7760EB Datasheet HTML 7Page - Analog Devices EVAL-AD7760EB Datasheet HTML 8Page - Analog Devices EVAL-AD7760EB Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 37 page
background image
AD7760
Rev. A | Page 4 of 36
SPECIFICATIONS
AVDD1 = DVDD = VDRIVE = 2.5 V, AVDD2 = AVDD3 = AVDD4 = 5 V, VREF+ = 4.096 V, MCLK amplitude = 5 V, TA = 25°C, normal mode, using
the on-chip amplifier with components as shown in Table 8, unless otherwise noted.1
Table 2.
Parameter
Test Conditions/Comments
Specification
Unit
DYNAMIC PERFORMANCE
Decimate by 256
MCLK = 40 MHz, ODR = 78 kHz, fIN = 1 kHz
Dynamic Range
Modulator inputs shorted
119
dB min
120.5
dB typ
Signal-to-Noise Ratio (SNR)2
Input amplitude = −0.5 dBFS
112
dB typ
Input amplitude = −60 dBFS
59
dB typ
Spurious-Free Dynamic Range (SFDR)
Nonharmonic, input amplitude = −6 dBFS
126
dBc typ
Input amplitude = −60 dBFS
77
dBc typ
Total Harmonic Distortion (THD)
Input amplitude = −0.5 dBFS
−105
dB typ
Input amplitude = −6 dBFS
−106
dB typ
Input amplitude = −60 dBFS
−75
dB typ
Decimate by 32
MCLK = 40 MHz, ODR = 625 kHz, fIN =100 kHz
Dynamic Range
Modulator inputs shorted
108
dB min
109.5
dB typ
Signal-to-Noise Ratio (SNR)2
Input amplitude = −0.5 dBFS
107
dB typ
Spurious-Free Dynamic Range (SFDR)
Nonharmonic, input amplitude = −6 dBFS
120
dBc typ
Total Harmonic Distortion (THD)
Input amplitude = −0.5 dBFS
−105
dB typ
Input amplitude = −6 dBFS
−106
dB typ
Decimate by 8
MCLK = 40 MHz, ODR = 2.5 MHz
Dynamic Range
Modulator inputs shorted
99
dB min
100.5
dB typ
Signal-to-Noise Ratio (SNR)2
fIN = 1 kHz, input amplitude = −0.5 dBFS
100
dB typ
fIN = 100 kHz, input amplitude = −0.5 dBFS
99
dB typ
fIN = 1 MHz, input amplitude = −0.5 dBFS
98
dB typ
Spurious-Free Dynamic Range (SFDR)
Nonharmonic, fIN = 100 kHz, input amplitude = −6 dBFS
120
dBc typ
Nonharmonic, fIN = 1 MHz, input amplitude = −6 dBFS
114
dBc typ
Total Harmonic Distortion (THD)
Input amplitude = −0.5 dBFS, fIN = 100 kHz
−103
dB typ
Input amplitude = −6 dBFS, fIN = 100 kHz
−102
dB typ
IMD Second Order
fIN A = 989.95 kHz, fIN B = 999.95 kHz
−115
dB typ
IMD Third Order
fIN A = 989.95 kHz, fIN B = 999.95 kHz
−89
dB typ
DC ACCURACY
Resolution
24
Bits
Differential Nonlinearity
Guaranteed monotonic to 24 bits
Integral Nonlinearity
0.00076
% typ
Zero Error
0.014
% typ
0.02
% max
Gain Error
0.016
% typ
Zero Error Drift
0.00001
% FS/°C typ
Gain Error Drift
0.0002
% FS/°C typ
DIGITAL FILTER RESPONSE
Decimate by 8
Group Delay
MCLK = 40 MHz
12
µs typ
Decimate by 32
Group Delay
MCLK = 40 MHz
47
µs typ
Decimate by 256
Group Delay
MCLK = 40 MHz
358
µs typ



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com