Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE3CA1102-9 Datasheet(PDF) 3 Page - Pasternack Enterprises, Inc.

Part # PE3CA1102-9
Description  RF Cable Assemblies Technical Data Sheet
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE3CA1102-9 Datasheet(HTML) 3 Page - Pasternack Enterprises, Inc.

  PE3CA1102-9 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE3CA1102-9 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE3CA1102-9 Datasheet HTML 3Page - Pasternack Enterprises, Inc. PE3CA1102-9 Datasheet HTML 4Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
3
Compliance Certifications (see product page for current document)
Plotted and Other Data
Notes:
• Values at 25°C, sea level.
How to Order
Part Number Configuration:
PE3CA1102
-
xx
uu
|
|
|
Unit of Measure:
|
|
cm = Centimeters
|
|
<blank> = Inches
|
Length
|
Base Number
Example:
PE3CA1102-12 = 12 inches long cable
PE3CA1102-100cm = 100 cm long cable
Pigtail Test Probe Cable SMA Female to Flush Cut Lead 9 Inch Length Using PE-034SR Coax, RoHS from Pasternack
Enterprises has same day shipment for domestic and International orders. Our RF, microwave and millimeter wave products
maintain a 99.4% availability and are part of the broadest selection in the industry.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: Pigtail Test Probe Cable SMA Female to Straight Cut Lead 9 Inch Length Using PE-034SR
Coax, RoHS PE3CA1102-9
URL: https://www.pasternack.com/sma-female-unterminated-lead-sexless-pe-034sr-cable-assembly-pe3ca1102-9-p.aspx
PE3CA1102-9 REV 1.1
RF Cable Assemblies Technical Data Sheet
Pigtail Test Probe Cable SMA Female to Flush Cut
Lead 9 Inch Length Using PE-034SR Coax, RoHS
PE3CA1102-9



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com