Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PCB-MDRIVER-P Datasheet(PDF) 3 Page - Roithner LaserTechnik GmbH

Part # PCB-MDRIVER-P
Description  LED Mini Driver For Mid-IR LEDs
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROITHNER [Roithner LaserTechnik GmbH]
Direct Link  http://www.roithner-laser.com
Logo ROITHNER - Roithner LaserTechnik GmbH

PCB-MDRIVER-P Datasheet(HTML) 3 Page - Roithner LaserTechnik GmbH

  PCB-MDRIVER-P Datasheet HTML 1Page - Roithner LaserTechnik GmbH PCB-MDRIVER-P Datasheet HTML 2Page - Roithner LaserTechnik GmbH PCB-MDRIVER-P Datasheet HTML 3Page - Roithner LaserTechnik GmbH PCB-MDRIVER-P Datasheet HTML 4Page - Roithner LaserTechnik GmbH  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
www.roithner-laser.com
3
Operating Mode Description
PCB-mdriver-P driver works in a Pulse mode. This mode provides LED maximum peak optical power.
LED current, pulse duration and frequency are fixed to 2 A, 5 µs and 2 kHz.
Pulse Mode Current-Time Relation
Operating Instruction
1. Securely solder the appropriate pins of the LED with LED connection contacts (1).
Note!
Contact marked with “LED +” must be connected to the appropriate pin of an LED (marked with
a red dot). Improper connection may cause LED damage.
Note! LED case must be electrically isolated from the ground.
2. If you use PCB-sdetect-3P synchronous detector, connect the PCB-mdriver-P
’s synchronization output
contacts (2) with synchronization input terminal block.
3. If necessary, make all the connections of other boards (synchronous detector, thermocontroller etc.)
following the appropriate instructions manuals. Before turning them on check the required connections
and modes:
Synchronous detector:
Thermocontroller:
 Photodiode input connection
 Preamplifier power output connection
 Averaging time and signal gain selection
 External signal observing device connection
 Thermistor / PCB-driver-51 temperature
observation block input connection
 Thermocooler output connection
 External connections (if necessary)
4. Connect 5V stabilised power supply to the power input (3).
synchronisation
output contacts
synchronisation
input terminal
block
PCB-mdrive-P
PCB-sdetect-3P



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com