Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DSS16-01AS Datasheet(PDF) 2 Page - IXYS Corporation

Part # DSS16-01AS
Description  Power Schottky Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IXYS [IXYS Corporation]
Direct Link  http://www.ixys.com
Logo IXYS - IXYS Corporation

DSS16-01AS Datasheet(HTML) 2 Page - IXYS Corporation

  DSS16-01AS Datasheet HTML 1Page - IXYS Corporation DSS16-01AS Datasheet HTML 2Page - IXYS Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
© 2000 IXYS All rights reserved
2 - 2
DSS 16-01A
DSS 16-01AS
0.0
0.2
0.4
0.6
0.8
1.0
1
10
100
0
2040
6080
100
0.0001
0.001
0.01
0.1
1
10
515
25
010
20
30
0
5
10
15
20
25
30
0.0001
0.001
0.01
0.1
1
10
0.01
0.1
1
040
80
120
160
0
5
10
15
20
25
30
35
40
I
F(AV)
T
C
°C
I
F(AV)
t
s
K/W
10
100
1000
10000
100
1000
10000
I
FSM
t
P
A
0
2040
6080
100
10
100
1000
C
T
I
R
I
F
A
V
F
V
R
V
R
V
pF
V
mA
A
P
(AV)
W
Z
thJC
V
Single Pulse
(Thermal Resistance)
DSS 16-01A
A
µs
T
VJ=175°C
150°C
125°C
100°C
50°C
25°C
T
VJ =
175°C
150°C
125°C
25°C
T
VJ= 25°C
d=0.5
d =
DC
0.5
0.33
0.25
0.17
0.08
75°C
DC
0.08
D=0.5
0.33
0.25
0.17
Fig. 3 Typ. junction capacitance C
T
versus reverse voltage V
R
Fig. 2 Typ. value of reverse current I
R
versus reverse voltage V
R
Fig. 1 Maximum forward voltage
drop characteristics
Fig. 4 Average forward current I
F(AV)
versus case temperature T
C
Fig. 5 Forward power loss
characteristics
Fig. 6 Transient thermal impedance junction to case at various duty cycles
Note: All curves are per diode



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com