Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE4065 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4065
Description  TNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4065 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4065_16 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4065_16 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4065_16 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• TNC Female Connector
• MIL-STD-348A
• 50 Ohms
• Straight Body Geometry
• Solder Cup Interface Type
• Solder Attachment
• Bulkhead
Features
• Max. Operating Frequency 11 GHz
• Gold Plated Brass Contact
• 30 µin minimum contact plating
Applications
• General Purpose Test
• Rack and Panel Mount Applications
.
Description
Pasternack’s PE4065 TNC female bulkhead mount connector solder attachment solder cup terminal, .350 inch D hole is part
of our full line of RF components available for same-day shipping. Our TNC female connector operates up to a maximum
frequency of 11 GHz. This TNC bulkhead connector allows designers to create external connections on their product
enclosures, and can be used in a variety of other rack mount and panel mount applications.
Our TNC female bulkhead connector PE4065 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable connector assemblies for you and ship same-day.
Electrical Specifications
Description
Minimum
Typical
Maximum
Units
Frequency Range
DC
11
GHz
Operating Voltage (AC)
500
Vrms
.
Mechanical Specifications
Size
Length
1.118 in [28.4 mm]
Width/Dia.
0.492 in [12.50 mm]
.
Weight
0.013 lbs [5.9 g]
.
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: TNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal, .350 inch D
Hole PE4065
PE4065 REV 1.2
TNC Female Bulkhead Mount Connector Solder
Attachment Solder Cup Terminal, .350 inch D Hole
RF Connectors Technical Data Sheet
PE4065


Similar Part No. - PE4065_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4065 PASTERNACK-PE4065 Datasheet
350Kb / 3P
TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
More results

Similar Description - PE4065_16

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4065 PASTERNACK-PE4065 Datasheet
350Kb / 3P
TNC Female Bulkhead Connector Solder Attachment Solder Cup Terminal, .350 inch D Hole
PE4549 PASTERNACK-PE4549_16 Datasheet
316Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4063 PASTERNACK-PE4063_16 Datasheet
316Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4064 PASTERNACK-PE4064_16 Datasheet
362Kb / 3P
TNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4064SP PASTERNACK-PE4064SP_16 Datasheet
366Kb / 3P
TNC Female Connector Solder Attachment 4 Hole Flange Mount Solder Cup Terminal
PE4101 PASTERNACK-PE4101_16 Datasheet
346Kb / 3P
SMA Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4137 PASTERNACK-PE4137_17 Datasheet
351Kb / 3P
N Female Bulkhead Mount Pressurized Connector Solder Attachment Solder Cup Terminal
PE4147 PASTERNACK-PE4147_16 Datasheet
317Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment
PE4148 PASTERNACK-PE4148_16 Datasheet
321Kb / 3P
TNC Female Bulkhead Mount Connector Solder Attachment
PE4240 PASTERNACK-PE4240_16 Datasheet
315Kb / 3P
C Female Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com