Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD7787EB Datasheet(PDF) 21 Page - Analog Devices

Part # EVAL-AD7787EB
Description  Low Power, 2-Channel 24-Bit Sigma-Delta ADC
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7787EB Datasheet(HTML) 21 Page - Analog Devices

Back Button EVAL-AD7787EB Datasheet HTML 13Page - Analog Devices EVAL-AD7787EB Datasheet HTML 14Page - Analog Devices EVAL-AD7787EB Datasheet HTML 15Page - Analog Devices EVAL-AD7787EB Datasheet HTML 16Page - Analog Devices EVAL-AD7787EB Datasheet HTML 17Page - Analog Devices EVAL-AD7787EB Datasheet HTML 18Page - Analog Devices EVAL-AD7787EB Datasheet HTML 19Page - Analog Devices EVAL-AD7787EB Datasheet HTML 20Page - Analog Devices EVAL-AD7787EB Datasheet HTML 21Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 21 / 21 page
background image
AD7787
Data Sheet
Rev. A | Page 20 of 20
OUTLINE DIMENSIONS
COMPLIANT TO JEDEC STANDARDS MO-187-BA
6°
0°
0.70
0.55
0.40
5
10
1
6
0.50 BSC
0.30
0.15
1.10 MAX
3.10
3.00
2.90
COPLANARITY
0.10
0.23
0.13
3.10
3.00
2.90
5.15
4.90
4.65
PIN 1
IDENTIFIER
15° MAX
0.95
0.85
0.75
0.15
0.05
Figure 17. 10-Lead Mini Small Outline Package [MSOP]
(RM-10)
Dimensions shown in millimeters
ORDERING GUIDE
Models1
Temperature Range
Package Description
Package Option
Branding
AD7787BRM
−40°C to +105°C
10-Lead Mini Small Outline Package (MSOP)
RM-10
C1T
AD7787BRMZ
−40°C to +105°C
10-Lead Mini Small Outline Package (MSOP)
RM-10
C42
AD7787BRM-REEL
−40°C to +105°C
10-Lead Mini Small Outline Package (MSOP)
RM-10
C1T
AD7787BRMZ-RL
−40°C to +105°C
10-Lead Mini Small Outline Package (MSOP)
RM-10
C42
EVAL-AD7787EB
Evaluation Board
1
Z = RoHS Compliant Part.
©2004–2013 Analog Devices, Inc. All rights reserved. Trademarks and
registered trademarks are the property of their respective owners.
D04477-0-3/13(A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com