Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

HM628128ALP-7SL Datasheet(PDF) 9 Page - Hitachi Semiconductor

Part # HM628128ALP-7SL
Description  131,072-word X 8-bit High Speed CMOS Static RAM
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HITACHI [Hitachi Semiconductor]
Direct Link  http://www.renesas.com/eng
Logo HITACHI - Hitachi Semiconductor

HM628128ALP-7SL Datasheet(HTML) 9 Page - Hitachi Semiconductor

Back Button HM628128ALP-7SL Datasheet HTML 5Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 6Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 7Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 8Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 9Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 10Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 11Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 12Page - Hitachi Semiconductor HM628128ALP-7SL Datasheet HTML 13Page - Hitachi Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
Write Cycle
HM628128A
-5
-7
-8
-10
Parameter
Symbol
Min
Max
Min
Max
Min
Max
Min
Max
Unit
Notes
Write cycle time
tWC
55
—
70
—
85
—
100
—
ns
Chip selection to
tCW
50
—
60
—
75
—
80
—
ns
end of write
Address setup time
tAS
0—
0—
0—
0—
ns
Address valid to
tAW
50
—
60
—
75
—
80
—
ns
end of write
Write pulse width
tWP
40
—
50
—
55
—
60
—
ns
Write recovery time
tWR
0—
0—
0—
0—
ns
Write to output in
tWHZ
0
20
0
25
0
30
0
35
ns
10
high-Z
Data to write time
tDW
25
—
30
—
35
—
40
—
ns
overlap
Data hold from
tDH
0—
0—
0—
0—
ns
write time
Output active from
tOW
5—
5—
5—
5—
ns
10
end of write
9
HM628128A Series



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com