Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OV-0100-C8 Datasheet(PDF) 2 Page - MICORO CRYSTAL SWITZERLAND

Part # OV-0100-C8
Description  Low Power Clock Oscillator 100.000 kHz
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCRYSTAL [MICORO CRYSTAL SWITZERLAND]
Direct Link  http://www.microcrystal.com
Logo MICROCRYSTAL - MICORO CRYSTAL SWITZERLAND

OV-0100-C8 Datasheet(HTML) 2 Page - MICORO CRYSTAL SWITZERLAND

  OV-0100-C8 Datasheet HTML 1Page - MICORO CRYSTAL SWITZERLAND OV-0100-C8 Datasheet HTML 2Page - MICORO CRYSTAL SWITZERLAND  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Version 4.1/05.2017
Micro Crystal AG
Phone +41 32 655 82 82
Muehlestrasse 14
Fax
+41 32 655 82 83
CH-2540 Grenchen
sales@microcrystal.com
Switzerland
www.microcrystal.com
A unique part number will be generated for each product specification, i.e:
20xxxx-MC01
1'000 pcs (in 8 mm tape on 7" reel)
20xxxx-MC03
3'000 pcs (in 8 mm tape on 7" reel)
Oscillator
C8 = 2.0 x 1.2 x 0.85 mm
Temperature range
Package size
Qualification
Frequency tolerance
QC
QA
QM
TA = -40 to +85°C (Standard)
Ceramic lid
0100 = 100.000 kHz
Frequency
O V - 0100 - C8 ±20 ppm TA QC
= Commercial Grade (Standard)
= Automotive Grade AEC-Q200
= Medical Grade
TERMINATIONS AND
PROCESSING
Type
Termination
Processing
OV-0100-C8
For SMT mounting
Au flashed pads
IPC/JEDEC J-STD-020C
260°C / 20 - 40 s
ORDERING INFORMATION
All specifications subject to change without notice.
ENVIRONMENTAL
CHARACTERISTICS
Conditions
Max. Dev.
Storage temp. range
–55 to +125°C
TA Operating temperature range
–40 to +85°C
Shock resistance
ΔF/F 5000 g, 0.3 ms, ½ sine ±5 ppm
Vibration resistance
ΔF/F
20 g / 10–2000 Hz
±5 ppm
-180.0
-160.0
-140.0
-120.0
-100.0
-80.0
-60.0
-40.0
-20.0
0.0
20.0
-60-40
-200
20
40
60
80
100
T [°C]
Tuning Fork Crystal
FREQUENCY TEMPERATURE
CHARACTERISTICS
ELECTRICAL CHARACTERISTICS
AT 25°C
Output Frequency
F
100.000
kHz
Frequency tolerance
1)
Δ
F/F
±100
ppm
Supply voltage
VDD
1.6 – 5.5
V
Current consumption (typ./max.) 2)
IDD
0.55 / 0.75
µA
Duty cycle (min./max.)
40 / 60
%
Start up time (max.)
tstart
0.5
s
Voltage coefficient (max.)
±3
ppm/V
Aging first year max. @ 25°C
Δ
F/F
±3
ppm
Turnover temperature (typ.)
T0
28 ±5
°C
Frequency vs. temperature
Δ
F/F0 –0.035 ppm/°C²(T - T0)2 ±10%
ppm
2) V
DD = 3.0 V, CLKOE = LOW.
1) Tighter tolerances on request.
More detailed information can be found in the
Application Manual.



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com