Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TSB41BA3APFP Datasheet(PDF) 35 Page - Texas Instruments

Click here to check the latest version.
Part # TSB41BA3APFP
Description  IEEE 1394b THREE-PORT CABLE TRANSCEIVER/ARBITER
PDF  66 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TSB41BA3APFP Datasheet(HTML) 35 Page - Texas Instruments

Back Button TSB41BA3APFP Datasheet HTML 31Page - Texas Instruments TSB41BA3APFP Datasheet HTML 32Page - Texas Instruments TSB41BA3APFP Datasheet HTML 33Page - Texas Instruments TSB41BA3APFP Datasheet HTML 34Page - Texas Instruments TSB41BA3APFP Datasheet HTML 35Page - Texas Instruments TSB41BA3APFP Datasheet HTML 36Page - Texas Instruments TSB41BA3APFP Datasheet HTML 37Page - Texas Instruments TSB41BA3APFP Datasheet HTML 38Page - Texas Instruments TSB41BA3APFP Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 66 page
background image
TSB41BA3A
IEEE 1394b THREEPORT CABLE TRANSCEIVER/ARBITER
SLLS618B − JUNE 2004 − REVISED AUGUST 2004
35
POST OFFICE BOX 655303
• DALLAS, TEXAS 75265
APPLICATION INFORMATION
bus reset (continued)
Therefore, in order to maintain consistent gap-counts throughout the bus, the following rules apply to the use
of the IBR bit, RHB bit, and gap-count in PHY register 1:
D Following the transmission of a PHY configuration packet, a bus reset must be initiated in order to verify
that all nodes have correctly updated their RHB bits and gap-count values, and to ensure that a subsequent
new connection to the bus causes the gap-count to be set to 63 on all nodes in the bus. If this bus reset is
initiated by setting the IBR bit to 1, then the RHB bit and gap-count register must also be loaded with the
correct values consistent with the just transmitted PHY configuration packet. In the TSB41BA3A, the RHB
bit and gap-count have been updated to their correct values upon the transmission of the PHY configuration
packet and so these values may first be read from register 1 and then rewritten.
D Other than to initiate the bus reset, which must follow the transmission of a PHY configuration packet,
whenever the IBR bit is set to 1 in order to initiate a bus reset, the gap-count value must also be set to 63
so as to be consistent with other nodes on the bus and the RHB bit must be maintained with its current value.
D The PHY register 1 must not be written to except to set the IBR bit. The RHB bit and gap-count must not
be written without also setting the IBR bit to 1.
D To avoid these problems all bus resets initiated by software must be initiated by writing the ISBR bit (bit 1
PHY register 0101b). Care must be taken to not change the value of any of the other writeable bits in this
register when the ISBR bit is written to. Also, the only means to change the gap count of any node must
be by means of the PHY configuration packet, which changes all nodes to the same gap count.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com