Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KESTX01MPAS Datasheet(PDF) 8 Page - Zarlink Semiconductor Inc

Part # KESTX01MPAS
Description  400MHz - 460MHz ASK Transmitter
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZARLINK [Zarlink Semiconductor Inc]
Direct Link  http://www.zarlink.com
Logo ZARLINK - Zarlink Semiconductor Inc

KESTX01MPAS Datasheet(HTML) 8 Page - Zarlink Semiconductor Inc

Back Button KESTX01MPAS Datasheet HTML 2Page - Zarlink Semiconductor Inc KESTX01MPAS Datasheet HTML 3Page - Zarlink Semiconductor Inc KESTX01MPAS Datasheet HTML 4Page - Zarlink Semiconductor Inc KESTX01MPAS Datasheet HTML 5Page - Zarlink Semiconductor Inc KESTX01MPAS Datasheet HTML 6Page - Zarlink Semiconductor Inc KESTX01MPAS Datasheet HTML 7Page - Zarlink Semiconductor Inc KESTX01MPAS Datasheet HTML 8Page - Zarlink Semiconductor Inc KESTX01MPAS Datasheet HTML 9Page - Zarlink Semiconductor Inc KESTX01MPAS Datasheet HTML 10Page - Zarlink Semiconductor Inc  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
7
KESTX01
y)
p
OP
OPb
XTAL2
XTAL1
Rs
CLK
C
COMPONENT LIST at 433.92MHz
COMPONENTS
FUNCTION
VALUE
UNITS
R1
OUTPUT POWER CONTROL
2.0
k
Ω
R2
PLL LOOP FILTER
4.7
k
Ω
C1
ANTENNA TUNING
APPLICATION
pF
DEPENDENT
L1 and L2
ANTENNA TUNING
APPLICATION
nH
DEPENDENT
C2
PLL LOOP FILTER
220
pF
C3
PLL LOOP FILTER
10
nF
X1
PARALLEL RESONANT CRYSTAL
6.78
MHz
C4
CRYSTAL OSCILLATOR
18
pF
C5
CRYSTAL OSCILLATOR
18
pF
Note:
The value of C1 is split between two capacitors to aid in balancing the antenna loop reducing the level of the second
harmonic
TESTABILITY REQUIREMENTS
This section is a summary of the observability and control-
lability requirements identified to simplify the production test
requirements of the device.
1. Ability to directly drive the XTAL oscillator from the tester (no
crystal). The XTAL2 pin allows direct drive of the oscillator with
an external clock source as shown in Figure 7. Typically a
200mVpk clock signal is AC coupled to produce differential
output on OP and OPb. (C=10nF, R s (Source) <5k
Ω)
Figure 7 Direct drive of crystal oscillator
2.
Control of the VCO frequency is obtained via the LF1
signal pin. The output of the dividers is tested by measuring
the DC current output of the charge pump (with XTAL2 held
at V
CC
).
3.
DC operation of the power amplifier is observed by
measuring the current through the open collector outputs OUT
and OUTB. The VCO input to the power amplifier is disabled
with VCOTST tied to V
CC
and the bias current being measured
with DATA tied to V
CC
. Toggling DATA input will modulate the
bias current in the power amplifier.



Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com