Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

93AA46A-E/MSG Datasheet(PDF) 4 Page - Microchip Technology

Part # 93AA46A-E/MSG
Description  1K Microwire Compatible Serial EEPROM
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

93AA46A-E/MSG Datasheet(HTML) 4 Page - Microchip Technology

  93AA46A-E/MSG Datasheet HTML 1Page - Microchip Technology 93AA46A-E/MSG Datasheet HTML 2Page - Microchip Technology 93AA46A-E/MSG Datasheet HTML 3Page - Microchip Technology 93AA46A-E/MSG Datasheet HTML 4Page - Microchip Technology 93AA46A-E/MSG Datasheet HTML 5Page - Microchip Technology 93AA46A-E/MSG Datasheet HTML 6Page - Microchip Technology 93AA46A-E/MSG Datasheet HTML 7Page - Microchip Technology 93AA46A-E/MSG Datasheet HTML 8Page - Microchip Technology 93AA46A-E/MSG Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
93AA46A/B/C, 93LC46A/B/C, 93C46A/B/C
DS21749D-page 4
 2003 Microchip Technology Inc.
FIGURE 1-1:
SYNCHRONOUS DATA TIMING
TABLE 1-3:
INSTRUCTION SET FOR X 16 ORGANIZATION (93XX46B OR 93XX46C WITH ORG = 1)
TABLE 1-4:
INSTRUCTION SET FOR X 8 ORGANIZATION (93XX46A OR 93XX46C WITH ORG = 0)
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK Cycles
ERASE
1
11
A5A4A3A2
A1
A0
—
(RDY/BSY)9
ERAL
1
00
1
0
X
X
X
X
—
(RDY/BSY)9
EWDS
1
00
0
0
X
X
X
X
—
HIGH-Z
9
EWEN
1
00
1
1
X
X
X
X
—
HIGH-Z
9
READ
1
10
A5A4A3A2
A1
A0
—
D15 - D0
25
WRITE
1
01
A5A4A3A2
A1
A0
D15 - D0
(RDY/BSY)25
WRAL
1
00
0
1
X
X
X
X
D15 - D0
(RDY/BSY)25
Instruction
SB
Opcode
Address
Data In
Data Out
Req. CLK Cycles
ERASE
1
11
A6A5A4
A3A2A1A0
—
(RDY/BSY)10
ERAL
1
00
1
0
X
X
XXX
—
(RDY/BSY)10
EWDS
1
00
0
0
X
X
XXX
—
HIGH-Z
10
EWEN
1
00
1
1
X
X
XXX
—
HIGH-Z
10
READ
1
10
A6A5A4
A3A2A1A0
—
D7 - D0
18
WRITE
1
01
A6A5A4
A3A2A1A0
D7 - D0
(RDY/BSY)18
WRAL
1
00
0
1
X
X
X
X
X
D7 - D0
(RDY/BSY)18
CS
VIH
VIL
VIH
VIL
VIH
VIL
VOH
VOL
VOH
VOL
CLK
DI
DO
(READ)
DO
(PROGRAM)
TCSS
TDIS
TCKH
TCKL
TDIH
TPD
TCSH
TPD
TCZ
STATUS VALID
TSV
TCZ
Note:
TSV is relative to CS.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com