Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MB90437LS Datasheet(PDF) 4 Page - fujitsu semiconductor

Part # MB90437LS
Description  16-bit Proprietary Microcontroller
PDF  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FUJITSU [fujitsu semiconductor]
Direct Link  
Logo FUJITSU - fujitsu semiconductor

MB90437LS Datasheet(HTML) 4 Page - fujitsu semiconductor

  MB90437LS Datasheet HTML 1Page - fujitsu semiconductor MB90437LS Datasheet HTML 2Page - fujitsu semiconductor MB90437LS Datasheet HTML 3Page - fujitsu semiconductor MB90437LS Datasheet HTML 4Page - fujitsu semiconductor MB90437LS Datasheet HTML 5Page - fujitsu semiconductor MB90437LS Datasheet HTML 6Page - fujitsu semiconductor MB90437LS Datasheet HTML 7Page - fujitsu semiconductor MB90437LS Datasheet HTML 8Page - fujitsu semiconductor MB90437LS Datasheet HTML 9Page - fujitsu semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 58 page
background image
MB90435 Series
4
s
s
s
s PRODUCT LINEUP
(Continued)
Features
MB90F438L (S) /F439 (S)
MB90437L (S) *1
/438L (S) /439 (S)
MB90V540G
CPU
F2MC-16LX CPU
System clock
On-chip PLL clock multiplier (
×1, ×2, ×3, ×4, 1/2 when PLL stop)
Minimum instruction exection time : 62.5 ns (4 MHz osc. PLL
× 4)
ROM
Flash memory
MB90F438L(S) : 128 Kbytes
MB90F439(S) : 256 Kbytes
Mask ROM :
MB90437L(S): 64 Kbytes
MB90438L(S): 128 Kbytes
MB90439(S): 256 Kbytes
External
RAM
MB90F438L(S) : 4 Kbytes
MB90F439(S)
: 6 Kbytes
MB90437L(S): 2 Kbytes
MB90438L(S): 4 Kbytes
MB90439(S): 6 Kbytes
8 Kbytes
Clocks
MB90F438L/F439
: Two clocks system
MB90F438LS/F439S
: One clock system
MB90437L/438L/439
: Two clocks system
MB90437LS/438LS/439S
: One clock system
Two clocks system*2
Operating voltage
range
*5
Temperature range
−40 °C to 105 °C
Package
QFP100, LQFP100
PGA-256
Emulator-specify
power supply*3
None
UART0
Full duplex double buffer
Support asynchronous/synchronous (with start/stop bit) transfer
Baud rate : 4808/5208/9615/10417/19230/38460/62500/500000 bps (asynchronous)
500 K/1 M/2 Mbps (synchronous) at System clock
= 16 MHz
UART1
(SCI)
Full duplex double buffer
Asynchronous (start-stop synchronized) and CLK-synchronous communication
Baud rate : 1202/2404/4808/9615/19230/31250/38460/62500 bps (asynchronous)
62.5 K/125 K/250 K/500 K/1 M/2 Mbps (synchronous) at 6, 8, 10, 12, 16 MHz
Serial I/O
Transfer can be started from MSB or LSB
Supports internal clock synchronized transfer and external clock synchronized transfer
Supports positive-edge and nagative-edge clock synchronization
Baud rate : 31.25 K/62.5 K/125 K/500 K/1 Mbps at System clock
= 16 MHz
A/D Converter
10-bit or 8-bit resolution
8 input channels
Conversion time : 26.3
µs (per one channel)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com