Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

GWKAHLB2.DM-TRTS-32B3 Datasheet(PDF) 10 Page - OSRAM GmbH

Part # GWKAHLB2.DM-TRTS-32B3
Description  Indoor General Lighting
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

GWKAHLB2.DM-TRTS-32B3 Datasheet(HTML) 10 Page - OSRAM GmbH

Back Button GWKAHLB2.DM-TRTS-32B3 Datasheet HTML 6Page - OSRAM GmbH GWKAHLB2.DM-TRTS-32B3 Datasheet HTML 7Page - OSRAM GmbH GWKAHLB2.DM-TRTS-32B3 Datasheet HTML 8Page - OSRAM GmbH GWKAHLB2.DM-TRTS-32B3 Datasheet HTML 9Page - OSRAM GmbH GWKAHLB2.DM-TRTS-32B3 Datasheet HTML 10Page - OSRAM GmbH GWKAHLB2.DM-TRTS-32B3 Datasheet HTML 11Page - OSRAM GmbH GWKAHLB2.DM-TRTS-32B3 Datasheet HTML 12Page - OSRAM GmbH GWKAHLB2.DM-TRTS-32B3 Datasheet HTML 13Page - OSRAM GmbH GWKAHLB2.DM-TRTS-32B3 Datasheet HTML 14Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 18 page
background image
Version 1. 3
GW KAHLB2.DM
Relative Forward Voltage 3) page 19
Relative Vorwärtsspannung 3) Seite 19
ΔVF = VF - VF(85 °C) = f(Tj); IF = 1050 mA
Relative Luminous Flux 3) page 19
Relativer Lichtstrom 3) Seite 19
ΦVV(85 °C) = f(Tj); IF = 1050 mA
Chromaticity Coordinate Shift 3) page 19
Farbortverschiebung 3) Seite 19
ΔCx, ΔCy = f(Tj); IF = 1050 mA
GW KAHLB2.DM
-40 -20
0
20
40
60
80
100 120
Tj [°C]
-0,5
0,0
0,5
1,0
1,5
2,0
2,5
3,0
∆VF [V]
GW KAHLB2.DM
-40 -20
0
20
40
60
80
100 120
Tj [°C]
0,0
0,2
0,4
0,6
0,8
1,0
1,2
1,4
Φ
v
Φ
v(85°C)
GW KAHLB2.DM
-40 -20
0
20
40
60
80
100 120
Tj [°C]
-0,02
-0,01
0,00
0,01
0,02
∆Cx
∆Cy
: Cx
: Cy
2016-01-07
10



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com