Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

KBHAVPA1.12 Datasheet(PDF) 12 Page - OSRAM GmbH

Part # KBHAVPA1.12
Description  Video Walls
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

KBHAVPA1.12 Datasheet(HTML) 12 Page - OSRAM GmbH

Back Button KBHAVPA1.12 Datasheet HTML 8Page - OSRAM GmbH KBHAVPA1.12 Datasheet HTML 9Page - OSRAM GmbH KBHAVPA1.12 Datasheet HTML 10Page - OSRAM GmbH KBHAVPA1.12 Datasheet HTML 11Page - OSRAM GmbH KBHAVPA1.12 Datasheet HTML 12Page - OSRAM GmbH KBHAVPA1.12 Datasheet HTML 13Page - OSRAM GmbH KBHAVPA1.12 Datasheet HTML 14Page - OSRAM GmbH KBHAVPA1.12 Datasheet HTML 15Page - OSRAM GmbH KBHAVPA1.12 Datasheet HTML 16Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 22 page
background image
2017-11-14
12
Discontinued acc. OS-PD-2017-037
KB HAVPA1.12
Max. Permissible Forward Current
Max. zulässiger Durchlassstrom
IF = f (T)
Permissible Pulse Handling Capability
Zulässige Impulsbelastbarkeit IF = f(tp)
D: Duty cycle
KB HAVPA1.12
0
20
40
60
80
T [°C]
0
5
10
15
20
25
30
35
40
45
50
55
IF [A]
Do not use below 5 mA
: TA
: TS
10-6
10-5
10-4
10-3
0.01
0.1
1
10
Pulse time [s]
0.06
0.08
0.10
IF [A]
TS = 0°C ... 85°C
KB HAVPA1.12
: D = 1.0
: D = 0.5
: D = 0.2
: D = 0.1
: D = 0.05
: D = 0.02
: D = 0.01
: D = 0.005



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com