Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

VND830PEP-E Datasheet(PDF) 5 Page - STMicroelectronics

Part # VND830PEP-E
Description  Double channel high side driver
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND830PEP-E Datasheet(HTML) 5 Page - STMicroelectronics

  VND830PEP-E Datasheet HTML 1Page - STMicroelectronics VND830PEP-E Datasheet HTML 2Page - STMicroelectronics VND830PEP-E Datasheet HTML 3Page - STMicroelectronics VND830PEP-E Datasheet HTML 4Page - STMicroelectronics VND830PEP-E Datasheet HTML 5Page - STMicroelectronics VND830PEP-E Datasheet HTML 6Page - STMicroelectronics VND830PEP-E Datasheet HTML 7Page - STMicroelectronics VND830PEP-E Datasheet HTML 8Page - STMicroelectronics VND830PEP-E Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 25 page
background image
VND830PEP-E
Block diagram and pin description
Doc ID 10826 Rev 6
5/25
1
Block diagram and pin description
Figure 1.
Block diagram
Figure 2.
Configuration diagram (top view)
Table 2.
Suggested connections for unused and not connected pins
Connection / pin
Current sense
N.C.
Output
Input
Floating
X
X
X
To ground
Through 1K
Ω
resistor
X
Through 10K
Ω
resistor
OUTPUT2
OUTPUT2
OUTPUT2
OUTPUT2
NC
INPUT1
GND
VCC
NC
INPUT2
OUTPUT2
OUTPUT2
OUTPUT1
OUTPUT1
OUTPUT1
OUTPUT1
NC
VCC
C.SENSE1
NC
NC
C.SENSE2
OUTPUT1
OUTPUT1
TAB = VCC
Obsolete
Product(s)
- Obsolete
Product(s)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com