Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

EVAL-AD7783EBZ Datasheet(PDF) 9 Page - Analog Devices

Part # EVAL-AD7783EBZ
Description  Read-Only, Pin Configured 24-Bit ADC
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

EVAL-AD7783EBZ Datasheet(HTML) 9 Page - Analog Devices

Back Button EVAL-AD7783EBZ Datasheet HTML 5Page - Analog Devices EVAL-AD7783EBZ Datasheet HTML 6Page - Analog Devices EVAL-AD7783EBZ Datasheet HTML 7Page - Analog Devices EVAL-AD7783EBZ Datasheet HTML 8Page - Analog Devices EVAL-AD7783EBZ Datasheet HTML 9Page - Analog Devices EVAL-AD7783EBZ Datasheet HTML 10Page - Analog Devices EVAL-AD7783EBZ Datasheet HTML 11Page - Analog Devices EVAL-AD7783EBZ Datasheet HTML 12Page - Analog Devices EVAL-AD7783EBZ Datasheet HTML 13Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 9 / 13 page
background image
–8–
AD7783
NOISE PERFORMANCE
Table I shows the output rms noise and output peak-to-peak
resolution in bits (rounded to the nearest 0.5 LSB) for the two
input voltage ranges. The numbers are typical and are generated
at a differential input voltage of 0 V. The peak-to-peak reso-
lution figures represent the resolution for which there will be
no code flicker within a six-sigma limit. The output noise comes
from two sources. The first is the electrical noise in the semi-
conductor devices (device noise) used in the implementation of
the modulator. Secondly, when the analog input is converted
into the digital domain, quantization noise is added. The device
noise is at a low level and is independent of frequency. The
quantization noise starts at an even lower level but rises rapidly
with increasing frequency to become the dominant noise source.
Table I. Typical Output RMS Noise and
Peak-to-Peak Resolution vs. Input Range
Input Range
±160 mV
±2.56 V
Noise (
mV)
0.65
2.30
Peak-to-Peak Resolution (Bits)
16.5
18.5
DIGITAL INTERFACE
The AD7783’s serial interface consists of four signals:
CS,
SCLK, DOUT/
RDY, and MODE. The MODE pin is used to
select the master/slave mode of operation. When the part is
configured as a master, SCLK is an output; SCLK is an input
when slave mode is selected. Data transfers take place with
respect to this SCLK signal. The DOUT/
RDY line is used
for accessing data from the data register. This pin also functions
as a
RDY line. When a conversion is complete, DOUT/RDY
goes low to indicate that data is ready to be read from the
AD7783’s data register. It is reset high when a read operation
from the data register is complete. It also goes high prior to
the updating of the output register to indicate when not to
read from the device to ensure that a data read is not attempted
while the register is being updated. The digital conversion is
also output on this pin.
CS is used to select the device and to place the device in standby
mode. When
CS is taken low, the AD7783 is powered up, the
PLL locks, and the device initiates a conversion. The device will
continue to convert until
CS is taken high. When CS is taken
high, the AD7783 is placed in standby mode, minimizing the
current consumption. The conversion is aborted, DOUT and
SCLK are three-stated, and the result in the data register is lost.
Figure 2 shows the timing diagram for interfacing to the AD7783
with
CS used to decode the part.
MASTER MODE (MODE = 0)
In this mode, SCLK is provided by the AD7783. With
CS low,
SCLK becomes active when a conversion is complete and gener-
ates 24 falling and rising edges. The DOUT/
RDY pin, which is
normally high, goes low to indicate that a conversion is complete.
Data is output on the DOUT/
RDY pin following the SCLK
falling edge and is valid on the SCLK rising edge. When the
24-bit word has been output, SCLK idles high until the next
conversion is complete. DOUT/
RDY returns high and will remain
high until another conversion is available. It then operates as a
RDY signal again. The part will continue to convert until CS is
taken high. SCLK and DOUT/
RDY are three-stated when CS is
taken high.
SLAVE MODE (MODE = 1)
In slave mode, the SCLK is generated externally. SCLK must
idle high between data transfers. With
CS low, DOUT/RDY
goes low when a conversion is complete. Twenty-four SCLK
pulses are needed to transfer the digital word from the AD7783.
Twenty-four consecutive pulses can be generated or, alterna-
tively, the data transfer can be split into batches. This is useful
when interfacing to a microcontroller that uses 8-bit transfers.
Data is output following the SCLK falling edge and is valid on
the SCLK rising edge.
CIRCUIT DESCRIPTION
Analog Input Channel
The ADC has one fully differential input channel. It feeds into a
high impedance input stage of the buffer amplifier. As a result,
the ADC input can handle significant source impedances and is
tailored for direct connection to external resistive-type sensors,
such as strain gages or resistance temperature detectors (RTDs).
The absolute input voltage range on the ADC input is restricted
to a range between GND + 100 mV and VDD – 100 mV. Care
must be taken in setting up the common-mode voltage and input
voltage range so that these limits are not exceeded; otherwise,
there will be a degradation in linearity and noise performance.
Programmable Gain Amplifier
The output from the buffer on the ADC is applied to the input of
the on-chip programmable gain amplifier (PGA). The PGA gain
range is programmed via the RANGE pin. With an external 2.5 V
reference applied, the PGA can be programmed to have a bipolar
range of
±160 mV (RANGE = 0) or ±2.56 V (RANGE = 1).
These are the ranges that should appear at the input to the
on-chip PGA.
Bipolar Configuration/Output Coding
The analog input on the AD7783 accepts bipolar input voltage
ranges. Signals on the AIN(+) input of the ADC are referenced
REV. C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com