Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

JH3421P-R-L-N-A Datasheet(PDF) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

Part # JH3421P-R-L-N-A
Description  LED
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Direct Link  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

JH3421P-R-L-N-A Datasheet(HTML) 2 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  JH3421P-R-L-N-A Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421P-R-L-N-A Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421P-R-L-N-A Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421P-R-L-N-A Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421P-R-L-N-A Datasheet HTML 5Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421P-R-L-N-A Datasheet HTML 6Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421P-R-L-N-A Datasheet HTML 7Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421P-R-L-N-A Datasheet HTML 8Page - JILIN SINO-MICROELECTRONICS CO., LTD. JH3421P-R-L-N-A Datasheet HTML 9Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
R
非隔离降压型 LED 恒流驱动芯片
JH3421P(H)
版本:201610A
2/9
订购信息
订货型号
印记
无卤素
封装
包装形式
最小包装
JH3421P-R-L-N-A
JH3421
是
SOP-8
编带
2,500 支/盘
JH3421PH-R-H-N-A
JH3421
是
DIP-8
条管
50 支/条
管脚封装
图 2 管脚封装图
管脚描述
管脚号
管脚名称
描述
1
GND
芯片地
2
ROVP
开路保护电压设置,接电阻到地设定开路保护电压
3
NC
无连接,建议连接到 GND
4
VCC
芯片电源
5,6
DRAIN
内部高压 MOSFET 漏极
7,8
CS
电流采样端,采样电阻接在 CS 和 GND 端之间
DRAIN
GND
CS
DRAIN
CS
ROVP
NC
VCC



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com