Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

SR2040C Datasheet(PDF) 2 Page - PACELEADER INDUSTRIAL

Part # SR2040C
Description  20.0A SCHOTTKY BARRIER RECTIFIERS -40V- 200V
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PACELEADER [PACELEADER INDUSTRIAL]
Direct Link  http://www.paceleader.tw
Logo PACELEADER - PACELEADER INDUSTRIAL

SR2040C Datasheet(HTML) 2 Page - PACELEADER INDUSTRIAL

  SR2040C Datasheet HTML 1Page - PACELEADER INDUSTRIAL SR2040C Datasheet HTML 2Page - PACELEADER INDUSTRIAL  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG. 1-TYPICAL FORWARD CURRENT DERATING CURVE
FIG. 2-TYPICAL FORWARD CHARACTERISTICS
10
15
20
1.00
10.00
100.00
TJ=25℃ PULSE
WIDTH 300us 2%
DUTY CYCLE
0
5
0
20
40
60
80
100
120
140
160
180
200
SR2040C~SR20100C
SR20150C~SR20200C
AMBIENT TEMPERATURE(℃)
0.01
0.10
0.2
0.4
0.6
0.8
SR20 0C
SR2060C
SR2
0100C
SR20150C~SR20200C
FORWARD VOLTAGE (V)
FIG. 3-MAXIMUM NON-REPETITIVE FORWARD SURGE CURRENT
FIG. 4-TYPICAL REVERSE CHARACTERISTICS
100
150
200
01
1
10
100
25℃
100℃
TJ=25℃ 8.3ms Single
Half Sine Wave
JEDEC method
0
50
100
1
10
100
0.0001
0.001
0.01
0.1
20
40
60
80
100
℃
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
FIG. 5-TYPICAL JUNCTION CAPACITANCE
Mi
NUMBER OF CYCLES AT 60Hz
1500
2000
SR2040C
SR2060C
SR20100C
S 201 0C S 20200C
PERCENTAGE RATED PEAK REVERSE VOLTAGE (%)
Maxi
0
500
1000
SR20150C~SR20200C
0
1
10
100
REVERSE VOLTAGE (V)
2
20.0A SCHOTTKY BARRIER RECTIFIERS -4
0V- 200V
SR2040C
THRU SR20200C
www.paceleader.tw



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com