Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LDCN5M Datasheet(PDF) 5 Page - OSRAM GmbH

Part # LDCN5M
Description  LCD Backlighting
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LDCN5M Datasheet(HTML) 5 Page - OSRAM GmbH

  LDCN5M Datasheet HTML 1Page - OSRAM GmbH LDCN5M Datasheet HTML 2Page - OSRAM GmbH LDCN5M Datasheet HTML 3Page - OSRAM GmbH LDCN5M Datasheet HTML 4Page - OSRAM GmbH LDCN5M Datasheet HTML 5Page - OSRAM GmbH LDCN5M Datasheet HTML 6Page - OSRAM GmbH LDCN5M Datasheet HTML 7Page - OSRAM GmbH LDCN5M Datasheet HTML 8Page - OSRAM GmbH LDCN5M Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 21 page
background image
Version 1.2
LD CN5M
2015-11-04
5
Brightness Groups
Helligkeitsgruppen
Forward Voltage Groups 3) page 20
Durchlassspannungsgruppen 3) Seite 20
Dominant Wavelength Groups 2) page 20
Dominant Wellenlängengruppen
2) Seite 20
Group
Radiant Power 1) page 20
Radiant Power 1) page 20
Gruppe
Strahlungsleistung 1) Seite 20
Strahlungsleistung 1) Seite 20
(min.) Φ
E [mW]
(max.) Φ
E [mW]
4Q
100
112
1R
112
125
2R
125
140
3R
140
159
4R
159
180
1S
180
201
Group
Gruppe
(min.) V
F [V]
(max.) V
F [V]
4
2.90
3.20
5
3.20
3.50
6
3.50
3.80
Group
deep blue
Gruppe
(min.) λdom
[nm]
(max.) λdom
[nm]
3
449
453
4
453
457
5
457
461
Note:
No packing unit / tape ever contains more than one color group for each selection.
Anm.:
In einer Verpackungseinheit / Gurt ist immer nur eine Gruppe für jede Farbe enthalten.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com