Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

LUWCN7N Datasheet(PDF) 1 Page - OSRAM GmbH

Part # LUWCN7N
Description  Day time running light
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

LUWCN7N Datasheet(HTML) 1 Page - OSRAM GmbH

  LUWCN7N Datasheet HTML 1Page - OSRAM GmbH LUWCN7N Datasheet HTML 2Page - OSRAM GmbH LUWCN7N Datasheet HTML 3Page - OSRAM GmbH LUWCN7N Datasheet HTML 4Page - OSRAM GmbH LUWCN7N Datasheet HTML 5Page - OSRAM GmbH LUWCN7N Datasheet HTML 6Page - OSRAM GmbH LUWCN7N Datasheet HTML 7Page - OSRAM GmbH LUWCN7N Datasheet HTML 8Page - OSRAM GmbH LUWCN7N Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 23 page
background image
2017-09-11
1
2017-09-11
OSLON MX ECE
Datasheet
Version 1.8
LUW CN7N
Features:
Besondere Merkmale:
•
Package: SMD ceramic package with silicone lens
•
Gehäusetyp: SMD Keramik Gehäuse mit
Silikonlinse
•
Technology: ThinGaN
•
Technologie: ThinGaN
•
Viewing angle at 50 % IV: 80°
•
Abstrahlwinkel bei 50 % IV: 80°
•
Color: Cx = 0.32, Cy = 0.32 acc. to CIE 1931
(ultra white); CTR = 6500 K
•
Farbe: Cx = 0.32, Cy = 0.32 nach CIE 1931
(ultra weiß); CTR = 6500 K
•
Optical efficiency (typ.): 70 lm/W (ultra white)
•
Optischer Wirkungsgrad (typ.): 70 lm/W
(ultra weiß)
•
ESD - withstand voltage: 8 kV acc. to
ANSI/ESDA/JEDEC JS-001 (HBM, Class 3B)
•
ESD - Festigkeit: 8 kV nach ANSI/ESDA/JEDEC
JS-001 (HBM, Klasse 3B)
•
Corrosion Robustness: Improved corrosion
robustness
•
Korrosionsstabilität: Verbesserte
Korrosionsstabilität
•
Qualifications: The product qualification test plan
is based on the guidelines of AEC-Q101-REV-C,
Stress Test Qualification for Automotive Grade
Discrete Semiconductors.
•
Qualifikationen: Die Produktqualifikation wurde
entsprechend der Richtlinie AEC-Q101-REV-C,
„Stress Test Qualification for Automotive Grade
Discrete Semiconductors“, getestet.
Applications
Anwendungen
•
Day time running light
•
Tagfahrlicht
•
Headup Display
•
Headup Display
•
LCD Backlighting
•
LCD Beleuchtung
•
Automotive Interior Lighting
•
Automobilbeleuchtung innen
•
Dashboard Backlighting
•
Instrumentenbeleuchtung


Similar Part No. - LUWCN7N

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
LUWCN7N-KXLX-EMKM-46 OSRAM-LUWCN7N-KXLX-EMKM-46 Datasheet
718Kb / 23P
Automotive Interior Lighting
More results

Similar Description - LUWCN7N

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M16C26A-24NT RENESAS-M16C26A-24NT Datasheet
534Kb / 16P
Sample Program (24-Number Time-of-Day Clock)
logo
Dialight Corporation
TB1-7401-101 DIALIGHT-TB1-7401-101 Datasheet
113Kb / 1P
CONFIRMATION LIGHT FOR PRE-EMPTION / RED LIGHT RUNNING
logo
OSRAM GmbH
LEDDRL301BK12 OSRAM-LEDDRL301BK12 Datasheet
106Kb / 3P
LED daytime running light
LEDDRL401BK12 OSRAM-LEDDRL401BK12 Datasheet
118Kb / 3P
LED daytime running light
LEDFOG101BK12 OSRAM-LEDFOG101BK12 Datasheet
124Kb / 3P
LED fog light with daytime running light functionality
LEDFOG103BL12 OSRAM-LEDFOG103BL12 Datasheet
119Kb / 3P
LED fog light with daytime running light functionality
LUWCN5M-GBHB-5P7R-1 OSRAM-LUWCN5M-GBHB-5P7R-1 Datasheet
930Kb / 21P
Day time running light
LUWCN7M-HYJY-EMKM-1 OSRAM-LUWCN7M-HYJY-EMKM-1 Datasheet
725Kb / 23P
Day time running light
LUWCVBP.CE-5L8L-GMKM-8E8G OSRAM-LUWCVBP.CE-5L8L-GMKM-8E8G Datasheet
758Kb / 22P
Day time running light
LUWCN7M OSRAM-LUWCN7M Datasheet
752Kb / 23P
Day time running light
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com