Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

OX16CF950 Datasheet(PDF) 18 Page - List of Unclassifed Manufacturers

Part # OX16CF950
Description  LOW COST ASYNCHRONOUS 16 BIT CARD
PDF  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

OX16CF950 Datasheet(HTML) 18 Page - List of Unclassifed Manufacturers

Back Button OX16CF950 Datasheet HTML 14Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 15Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 16Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 17Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 18Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 19Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 20Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 21Page - List of Unclassifed Manufacturers OX16CF950 Datasheet HTML 22Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 60 page
background image
Page 18
OXCF950 DATA SHEET V1.1
OXFORD SEMICONDUCTOR LTD.
written by the host.
CREADY
This bit is set (1) when the corresponding bit, RREADY, changes state. This bit may also be
written by the host.
CWProt
This bit is set (1) when the corresponding bit, RWProt, changes state. This bit may also be
written by the host.
RBVD1
When read, this bit represents the internal state of the Battery Voltage Detect circuits which
would be on the BVD1 pin.
When this bit is written as 1 the corresponding CBVD1 bit is also written. When this bit is
written as 0, the CBVD1 bit is unaffected.
RBVD2
When read, this bit represents the internal state of the Battery Voltage Detect circuits which
would be on the BVD2 pin.
When this bit is written as 1 the corresponding CBVD2 bit is also written. When this bit is
written as 0, the CBVD2 bit is unaffected.
RREADY
When read, this bit represents the internal state of the READY signal. This bit may also be
used to determine the state of READY as that pin has been relocated for use as Interrupt
Request on IO Cards.
When this bit is written as 1 the corresponding “changed” bit is also written. When this bit is
written as 0, the “changed” bit is unaffected.
RWProt
When read, this bit represents the state of the WP signal. This signal may also be used to
determine the state of the Write Protect switch when pin 33 is being used for IOIS16#.
When this bit is written as 1 the corresponding “changed” bit is also written. When this bit is
written as 0, the “changed” bit is unaffected.
Table 16: Pin Replacement Register
5.5.4
Socket and Copy Register ‘SCR’ (Offset 0xFE)
This is an optional read/write register, implemented by the OXCF950, which the PCMCIA/CF card may use to distinguish
between similar cards installed in a system. This register is always written by the system before writing the card's Function
Configuration Index field in the Configuration Option register.
D7
D6
D5
D4
D3
D2
D1
D0
Reserved
Copy Number
Socket Number
Field
Description
Reserved
This bit is reserved for future standardization. This bit must be set to zero (0) by software when
the register is written.
Copy Number
PCMCIA/CF cards that indicate in their CIS that they support more than one copy of identically
configured cards, should have a copy number (0 to MAX twin cards, MAX = n-1) written back
to the socket and Copy register.
This field indicates to the card that it is the n’th copy of the card installed in the system, which
is identically configured. The first card installed receives the value 0. This permits identical
cards designed to share a common set of I/O ports while remaining uniquely identifiable and
consecutively ordered.
Socket Number
This field indicates to the PCMCIA/CF card that it is located in the n’th socket. The first socket
is numbered o. This permits any cards designed to do so to share a common set of I/O ports
while remaining uniquely identifiable.
Table 17: Socket and Copy Register



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com