Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

P87C554 Datasheet(PDF) 29 Page - NXP Semiconductors

Part # P87C554
Description  80C51 8-bit microcontroller - 12 clock operation 16K/512 OTP/RAM 8 channel 10-bit A/D, I2C, PWM, capture/compare, high I/O
PDF  77 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

P87C554 Datasheet(HTML) 29 Page - NXP Semiconductors

Back Button P87C554 Datasheet HTML 25Page - NXP Semiconductors P87C554 Datasheet HTML 26Page - NXP Semiconductors P87C554 Datasheet HTML 27Page - NXP Semiconductors P87C554 Datasheet HTML 28Page - NXP Semiconductors P87C554 Datasheet HTML 29Page - NXP Semiconductors P87C554 Datasheet HTML 30Page - NXP Semiconductors P87C554 Datasheet HTML 31Page - NXP Semiconductors P87C554 Datasheet HTML 32Page - NXP Semiconductors P87C554 Datasheet HTML 33Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 77 page
background image
Philips Semiconductors
Product data
P87C554
80C51 8-bit microcontroller – 12 clock operation
16K/512 OTP/RAM, 8 channel 10-bit A/D, I2C, PWM,
capture/compare, high I/O
2002 Mar 25
27
RS
VANALOG
INPUT
CS
CC
TO COMPARATOR
+
IN
IN+1
SmN+1
SmN
RmN+1
RmN
MULTIPLEXER
Rm = 0.5 - 3 k
Ω
CS + CC = 15 pF maximum
RS = Recommended < 9.6 kΩ for 1 LSB @ 12 MHz
NOTE:
Because the analog to digital converter has a sampled-data comparator, the input looks capacitive to a source. When a conversion
is initiated, switch Sm closes for 8tCY (8 µs @ 12 MHz crystal frequency) during which time capacitance CS + CC is charged. It
should be noted that the sampling causes the analog input to present a varying load to an analog source.
SU00962
Figure 25. A/D Input: Equivalent Circuit
0
q
2q
3q
4q
5q
Vin
CODE
OUT
100
000
001
010
011
101
QUANTIZATION ERROR
q = LSB = 5 mV
Vin – Vdigital
+ q/2
– q/2
Vin
SYMMETRICAL QUANTIZATION ERROR
SU00963
Figure 26. Effective Conversion Characteristic



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com