Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PE4237 Datasheet(PDF) 1 Page - Pasternack Enterprises, Inc.

Part # PE4237
Description  BNC Twinax Jack Connector Clamp/Solder Attachment
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PASTERNACK [Pasternack Enterprises, Inc.]
Direct Link  http://www.pasternack.com/
Logo PASTERNACK - Pasternack Enterprises, Inc.

PE4237 Datasheet(HTML) 1 Page - Pasternack Enterprises, Inc.

  PE4237 Datasheet HTML 1Page - Pasternack Enterprises, Inc. PE4237 Datasheet HTML 2Page - Pasternack Enterprises, Inc. PE4237 Datasheet HTML 3Page - Pasternack Enterprises, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
Configuration
• BNC Twinax Jack Connector
• MIL-STD-348
• 78 Ohms
• Straight Body Geometry
• RG108, 78 Ohm Twinax Interface Type
• Clamp/Solder Attachment
Features
• Silver Plated Contact
• Contact plating according to QQ-S-365
Applications
• General Purpose Test
• Custom Cable Assemblies
.
Description
Pasternack’s PE4237 78 ohm BNC Twinax jack connector with clamp/solder attachment for RG108 and 78 Ohm Twinax is part
of our full line of RF components available for same-day shipping.
Our 78 ohm BNC Twinax jack connector PE4237 datasheet specifications and drawing with dimensions are shown below in
this PDF. Pasternack’s broad catalog of RF, microwave and millimeter wave connectors allows designers to configure and
customize their signal connections however they like. Whether the need is to provide an I/O for a board design, or simply
create a custom cable assembly configuration, Pasternack has the right connector for the job. Pasternack can also expertly
build your custom cable assemblies for you and ship same-day.
Mechanical Specifications
Size
Length
1.17 in [29.72 mm]
Width/Dia.
0.57 in [14.48 mm]
.
Weight
0.041 lbs [18.6 g]
.
Material Specifications
Description
Material
Plating
Contact
Silver
QQ-S-365
Insulation
PTFE
Body
Brass
Nickel
QQ-N-290
.
Environmental Specifications
Temperature
Operating Range
-65 to +165 deg C
Click the following link (or enter part number in “SEARCH” on website) to obtain additional part information including price,
inventory and certifications: BNC Twinax Jack Connector Clamp/Solder Attachment for RG108, 78 Ohm Twinax PE4237
PE4237 REV 1.1
BNC Twinax Jack Connector Clamp/Solder
Attachment for RG108, 78 Ohm Twinax
RF Connectors Technical Data Sheet
PE4237


Similar Part No. - PE4237

ManufacturerPart #DatasheetDescription
logo
Peregrine Semiconductor...
PE4237 PEREGRINE-PE4237 Datasheet
278Kb / 8P
SPDT UltraCMOS??RF Switch DC - 4000 MHz
logo
Pasternack Enterprises,...
PE4237 PASTERNACK-PE4237 Datasheet
221Kb / 2P
BNC Twinax Jack Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
logo
Peregrine Semiconductor
PE4237 PSEMI-PE4237 Datasheet
276Kb / 8P
SPDT UltraCMOS RF Switch
logo
Peregrine Semiconductor...
PE4237 PEREGRINE-PE4237 Datasheet
276Kb / 8P
SPDT UltraCMOS
PE4237-EK PEREGRINE-PE4237-EK Datasheet
278Kb / 8P
SPDT UltraCMOS??RF Switch DC - 4000 MHz
More results

Similar Description - PE4237

ManufacturerPart #DatasheetDescription
logo
Pasternack Enterprises,...
PE4235 PASTERNACK-PE4235 Datasheet
220Kb / 2P
BNC Twinax Jack Connector Crimp/Solder Attachment For RG108, 78 Ohm Twinax
PE4236 PASTERNACK-PE4236 Datasheet
328Kb / 2P
BNC Twinax Plug Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
PE4237 PASTERNACK-PE4237 Datasheet
221Kb / 2P
BNC Twinax Jack Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax
PE44114 PASTERNACK-PE44114 Datasheet
223Kb / 2P
BNC Twinax Jack Bulkhead Connector Clamp/Solder Attachment For RG108, 78 Ohm Twinax, .480 inch D Hole
PE4024 PASTERNACK-PE4024_16 Datasheet
413Kb / 3P
BNC Male Connector Clamp/Solder Attachment
PE4057 PASTERNACK-PE4057_16 Datasheet
408Kb / 3P
BNC Female Connector Clamp/Solder Attachment
PE4235 PASTERNACK-PE4235_16 Datasheet
318Kb / 3P
BNC Twinax Jack Connector Crimp/Solder Attachment
PE4236 PASTERNACK-PE4236_16 Datasheet
323Kb / 3P
BNC Twinax Plug Connector Clamp/Solder Attachment
PE4238 PASTERNACK-PE4238_16 Datasheet
348Kb / 3P
BNC Twinax Jack Bulkhead Mount Connector Solder Attachment Solder Cup Terminal
PE4324 PASTERNACK-PE4324_16 Datasheet
323Kb / 3P
BNC Twinax Jack Connector Solder Attachment
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com