Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

MSP08C01MFEJ Datasheet(PDF) 1 Page - Vishay Siliconix

Part # MSP08C01MFEJ
Description  Thick Film Resistor Networks, Single-In-Line, Molded SIP
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

MSP08C01MFEJ Datasheet(HTML) 1 Page - Vishay Siliconix

  MSP08C01MFEJ Datasheet HTML 1Page - Vishay Siliconix MSP08C01MFEJ Datasheet HTML 2Page - Vishay Siliconix MSP08C01MFEJ Datasheet HTML 3Page - Vishay Siliconix MSP08C01MFEJ Datasheet HTML 4Page - Vishay Siliconix MSP08C01MFEJ Datasheet HTML 5Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
MSP
www.vishay.com
Vishay Dale
Revision: 13-Feb-15
1
Document Number: 31510
For technical questions, contact: ff2aresistors@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Thick Film Resistor Networks, Single-In-Line, Molded SIP
FEATURES
• Isolated,
bussed,
and
dual
terminator
schematics available
• 0.195" (4.95 mm) “A” or 0.350" (8.89 mm) “C”
maximum seated height
• Thick film resisitive elements
• Low temperature coefficient (-55 °C to +125 °C)
± 100 ppm/°C
• Rugged, molded case construction
• Reduces total assembly costs
• Compatible with automatic insertion equipment
and reduces PC board space
• Wide resistance range (10
 to 2.2 M)
• Available in tube pack
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
Note
* This datasheet provides information about parts that are RoHS-compliant and/or parts that are non-RoHS-compliant. For example, parts
with lead (Pb) terminations are not RoHS-compliant. Please see the information/tables in this datasheet for details.
Notes
(1) Tighter tracking available
(2) ± 2 % standard, ± 1 % and ± 5 % available
(3) Continuous working voltage shall be
or maximum working voltage, whichever is less
Note
• For additional information on packaging, refer to the Through-Hole Network Packaging document (www.vishay.com/doc?31542).
Available
Available
STANDARD ELECTRICAL SPECIFICATIONS
GLOBAL
MODEL/
SCHEMATIC
PROFILE
POWER RATING
ELEMENT
P70 °C
W
RESISTANCE
RANGE
TOLERANCE (2)
± %
TEMPERATURE
COEFFICIENT
(-55 °C to +125 °C)
± ppm/°C
TCR
TRACKING (1)
(-55 °C to +125 °C)
± ppm/°C
MAXIMUM
WORKING
VOLTAGE (3)
VDC
MSPxxx01
A
0.20
10 to 2.2M
1, 2, 5
100
50
100
MSPxxx01
C
0.25
10 to 2.2M
1, 2, 5
100
50
100
MSPxxx03
A
0.30
10 to 2.2M
1, 2, 5
100
50
100
MSPxxx03
C
0.40
10 to 2.2M
1, 2, 5
100
50
100
MSPxxx05
A
0.20
10 to 2.2M
1, 2, 5
100
150
100
MSPxxx05
C
0.25
10 to 2.2M
1, 2, 5
100
150
100
GLOBAL PART NUMBER INFORMATION
New Global Part Numbering: MSP06A031K00GDA (preferred part numbering format)
GLOBAL
MODEL
PIN
COUNT
PACKAGE
HEIGHT
SCHEMATIC
RESISTANCE
VALUE
TOLERANCE
CODE
PACKAGING
SPECIAL
MSP
06 = 6 pin
08 = 8 pin
09 = 9 pin
10 = 10 pin
A = “A” profile
C = “C” profile
01 = Bussed
03 = Isolated
00 = Special
R =
K = k
M = M
10R0 = 10
33K0 = 33 k
1M00 = 1 M
0000 = 0
 Jumper
F = ± 1 %
G = ± 2 %
J = ± 5 %
S = Special
Z = 0
Jumper
EJ = Lead (Pb)-free,
tube
Blank = Standard
(Dash Number)
(Up to 3 digits)
From 1 to 999
as applicable
DA = Tin/lead, tube
Historical Part Number Example: MSP06A03102G (will continue to be accepted)
MSP
06
A
03
102
G
D03
HISTORICAL MODEL
PIN COUNT
PACKAGE HEIGHT
SCHEMATIC
RESISTANCE VALUE
TOLERANCE CODE
PACKAGING
New Global Part Numbering: MSP08C05131AGDA (preferred part numbering format)
GLOBAL
MODEL
PIN
COUNT
PACKAGE
HEIGHT
SCHEMATIC
RESISTANCE
VALUE
TOLERANCE
CODE
PACKAGING
SPECIAL
MSP
06 = 6 pin
08
= 8 pin
09 = 9 pin
10 = 10 pin
A = “A” profile
C = “C” profile
05 = Dual
terminator
3 digit impedance
code, followed by
alpha modifier
(see Impedance
Codes table)
F = ± 1 %
G = ± 2 %
J = ± 5 %
EJ = Lead (Pb)-free,
tube
Blank = Standard
(Dash Number)
(Up to 3 digits)
From 1 to 999
as applicable
DA = Tin/lead, tube
Historical Part Number Example: MSP08C05221331G (will continue to be accepted)
MSP
08
C
05
221
331
G
D03
HISTORICAL
MODEL
PIN
COUNT
PACKAGE
HEIGHT
SCHEMATIC
RESISTANCE
VALUE 1
RESISTANCE
VALUE 2
TOLERANCE
CODE
PACKAGING
P x R
A
D
G
0
0
K
1
3
0
A
6
0
P
S
M
A
D
G
A
1
3
1
5
0
C
8
0
P
S
M


Similar Part No. - MSP08C01MFEJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MSP08C011K00F VISHAY-MSP08C011K00F Datasheet
98Kb / 5P
Thick Film Resistor Networks Single-In-Line, Molded SIP; 01, 03, 05 Schematics 6, 8, 9 or 10 Pin “A” Profile and 6, 8 or 10 Pin “C” Profile
28-Jul-06
MSP08C011K00G VISHAY-MSP08C011K00G Datasheet
98Kb / 5P
Thick Film Resistor Networks Single-In-Line, Molded SIP; 01, 03, 05 Schematics 6, 8, 9 or 10 Pin “A” Profile and 6, 8 or 10 Pin “C” Profile
28-Jul-06
MSP08C011K00J VISHAY-MSP08C011K00J Datasheet
98Kb / 5P
Thick Film Resistor Networks Single-In-Line, Molded SIP; 01, 03, 05 Schematics 6, 8, 9 or 10 Pin “A” Profile and 6, 8 or 10 Pin “C” Profile
28-Jul-06
MSP08C011K00S VISHAY-MSP08C011K00S Datasheet
98Kb / 5P
Thick Film Resistor Networks Single-In-Line, Molded SIP; 01, 03, 05 Schematics 6, 8, 9 or 10 Pin “A” Profile and 6, 8 or 10 Pin “C” Profile
28-Jul-06
MSP08C011M00F VISHAY-MSP08C011M00F Datasheet
98Kb / 5P
Thick Film Resistor Networks Single-In-Line, Molded SIP; 01, 03, 05 Schematics 6, 8, 9 or 10 Pin “A” Profile and 6, 8 or 10 Pin “C” Profile
28-Jul-06
More results

Similar Description - MSP08C01MFEJ

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
MDP1645 VISHAY-MDP1645 Datasheet
89Kb / 2P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
08-Sep-04
CSC05 VISHAY-CSC05 Datasheet
195Kb / 4P
Thick Film Resistor Networks Single-In-Line, Coated SIP 01, 03, 05 Schematics
02-Aug-02
MDP45 VISHAY-MDP45 Datasheet
276Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
28-Jul-06
MSP06A011K00GEJ VISHAY-MSP06A011K00GEJ Datasheet
402Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
10-Jun-10
MSP08C036K80GEJ VISHAY-MSP08C036K80GEJ Datasheet
402Kb / 5P
Thick Film Resistor Networks, Single-In-Line, Molded SIP
10-Jun-10
CSC10A01560RGEK VISHAY-CSC10A01560RGEK Datasheet
397Kb / 6P
Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
03-May-13
CSC VISHAY-CSC Datasheet
401Kb / 6P
Thick Film Resistor Networks, Single-In-Line, Conformal Coated SIP
03-May-13
MDP01 VISHAY-MDP01_17 Datasheet
120Kb / 5P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
12-Sep-13
MDP45 VISHAY-MDP45_17 Datasheet
97Kb / 3P
Thick Film Resistor Networks, Dual-In-Line, Molded DIP
29-Nov-13
TRC VISHAY-TRC Datasheet
85Kb / 3P
Thick Film Resistor/Capacitor Networks, Single-In-Line, Conformal Coated SIP
23-Jan-13
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com