Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PSLC03C Datasheet(PDF) 4 Page - Protek Devices

Part # PSLC03C
Description  LOW CAPACITANCE TVS ARRAY
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PROTEC [Protek Devices]
Direct Link  http://www.protekdevices.com
Logo PROTEC - Protek Devices

PSLC03C Datasheet(HTML) 4 Page - Protek Devices

  PSLC03C Datasheet HTML 1Page - Protek Devices PSLC03C Datasheet HTML 2Page - Protek Devices PSLC03C Datasheet HTML 3Page - Protek Devices PSLC03C Datasheet HTML 4Page - Protek Devices PSLC03C Datasheet HTML 5Page - Protek Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
www.protekdevices.com
05091.R5 8/03
PSLC03
thru
PSLC24C
APPLICATION NOTE
CIRCUIT BOARD LAYOUT RECOMMENDATIONS
Circuit board layout is critical for Electromagnetic
Compatibility (EMC) protection. The following
guidelines are recommended:
✔
The protection device should be placed near the
input terminals or connectors, the device will
divert the transient current immediately before it
can be coupled into the nearby traces.
✔
The path length between the TVS device and the
protected line should be minimized.
✔
All conductive loops including power and ground
loops should be minimized.
✔
The transient current return path to ground
should be kept as short as possible to reduce
parasitic inductance.
✔
Ground planes should be used whenever
possible. For multilayer PCBs, use ground vias.
The PSLC Series are TVS arrays designed to protect I/O or data lines from the damaging effects of ESD and EFT. This product series provides both
unidirectional and bidirectional protection, with a surge capability of 350 Watts P
PP per line for an 8/20µs waveform and ESD protection > 40kV.
UNIDIRECTIONAL COMMON-MODE CONFIGURATION (Figure 1)
The two PSLC Series devices provide protection in a common-mode
configuration as depicted in Figure 1.
Circuit connectivity is as follows:
✔
TVS Device 1: Line 1(D+) is connected to Pins 2 & 3.
✔
TVS Device 2: Line 2(D-) is connected to Pins 2 & 3.
✔
Both TVS Devices: Pins 1 & 4 connected to ground.
BIDIRECTIONAL DIFFERENTIAL-MODE CONFIGURATION (Figure 2)
The PSLCxxC Series provides protection in a differential-mode configuration
as depicted in Figure 2.
Circuit connectivity is as follows:
✔
Line 1(R
X) is connected to Pins 1 & 4.
✔
Line 2(T
X) is connected to Pins 2 & 3.
Figure 1 - Unidirectional Configuration (Two TVS Devices)
Common-Mode USB Protection
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;;
1
4
3
2
1
4
2
3
D+
USB IC
D-
GND
SOLDER PAD
Figure 2 - Bidirectional Configuration
Differential-Mode Ethernet Protection
1
4
3
2
R
R
T
X
R
X



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com