Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RF2637PCBA Datasheet(PDF) 4 Page - RF Micro Devices

Part # RF2637PCBA
Description  RECEIVE AGC AMPLIFIER
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

RF2637PCBA Datasheet(HTML) 4 Page - RF Micro Devices

  RF2637PCBA Datasheet HTML 1Page - RF Micro Devices RF2637PCBA Datasheet HTML 2Page - RF Micro Devices RF2637PCBA Datasheet HTML 3Page - RF Micro Devices RF2637PCBA Datasheet HTML 4Page - RF Micro Devices RF2637PCBA Datasheet HTML 5Page - RF Micro Devices RF2637PCBA Datasheet HTML 6Page - RF Micro Devices RF2637PCBA Datasheet HTML 7Page - RF Micro Devices RF2637PCBA Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
10-44
RF2637
Rev A3 040511
Application Schematic
Evaluation Board Schematic
(Download Bill of Materials from www.rfmd.com.)
1
2
3
4
8
7
6
5
GAIN
CONTROL
R1:
1 k
CDMA-
CDMA+
CDMA IF Filter
Z
S=500 Ω
Z
IN, EFF=500 Ω
Z
IN=1 kΩ
Z
S, EFF=333 Ω
Measurement
Reference Plane
L1
L1
V
CC
C2
OUT+
OUT-
V
CC
R2: 500
C1
C1
C2
Measurement
Reference Plane
Z
LOAD=500Ω
Z
LOAD,EFF=250 Ω
Z
OUT=500 Ω
10 nF
10 nF
R1 sets the CDMA balanced input impedance. The effective input impedance is then 500
Ω.
R2 sets the balanced output impedance to 500
Ω. L1 and C2 serve dual purposes. L1 serves
as an output bias choke, and C2 serves as a series DC block. In addition, the values of L1
and C2 may be chosen to form an impedance matching network of the load impedance is not
500
Ω. Otherwise, the values of L1 and C1 are chosen to form a parallel-resonant tank circuit
at the IF when the load impedance is 500
Ω.
GAIN
4.7 k
GAIN
CONTROL
R3
510
C8
15 pF
C9
15 pF
L3
390nH
L4
390nH
C6
10 nF
R2
4.7 k
T1
C3
15 pF
C1
10 nF
C4
15 pF
C2
10 nF
L1
390 nH
L2
390 nH
1
2
3
4
8
7
6
5
T2
C5
1 nF
50
Ω µstrip
J2
SMA
OUT
50
Ω µstrip
J1
SMA
CDMA
GC
VCC
2627400A
R1
1 k
VCC
C10
10 nF
C7
10 nF
1
2
3
P1
P1-1
P1-3
VCC
GND
GC



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com