Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F76-I/P Datasheet(PDF) 47 Page - Microchip Technology

Part # PIC16F76-I/P
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F76-I/P Datasheet(HTML) 47 Page - Microchip Technology

Back Button PIC16F76-I/P Datasheet HTML 43Page - Microchip Technology PIC16F76-I/P Datasheet HTML 44Page - Microchip Technology PIC16F76-I/P Datasheet HTML 45Page - Microchip Technology PIC16F76-I/P Datasheet HTML 46Page - Microchip Technology PIC16F76-I/P Datasheet HTML 47Page - Microchip Technology PIC16F76-I/P Datasheet HTML 48Page - Microchip Technology PIC16F76-I/P Datasheet HTML 49Page - Microchip Technology PIC16F76-I/P Datasheet HTML 50Page - Microchip Technology PIC16F76-I/P Datasheet HTML 51Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 45
PIC16F7X
5.3
Prescaler
There is only one prescaler available on the microcon-
troller; it is shared exclusively between the Timer0
module and the Watchdog Timer. The usage of the
prescaler is also mutually exclusive: that is, a prescaler
assignment for the Timer0 module means that there is
no prescaler for the Watchdog Timer, and vice versa.
This prescaler is not readable or writable (see
Figure 5-1).
The PSA and PS2:PS0 bits (OPTION_REG<3:0>)
determine the prescaler assignment and prescale ratio.
Examples of code for assigning the prescaler assign-
ment are shown in Example 5-1 and Example 5-2.
Note that when the prescaler is being assigned to the
WDT with ratios other than 1:1, lines 2 and 3 (high-
lighted) are optional. If a prescale ratio of 1:1 is to used,
however, these lines must be used to set a temporary
value. The final 1:1 value is then set in lines 10 and 11
(highlighted). (Line numbers are included in the exam-
ple for illustrative purposes only, and are not part of the
actual code.)
When assigned to the Timer0 module, all instructions
writing to the TMR0 register (e.g. CLRF 1, MOVWF 1,
BSF 1,x
....etc.) will clear the prescaler. When assigned
to WDT, a CLRWDT instruction will clear the prescaler
along with the Watchdog Timer.
EXAMPLE 5-1:
CHANGING THE PRESCALER ASSIGNMENT FROM TIMER0 TO WDT
EXAMPLE 5-2:
CHANGING THE PRESCALER ASSIGNMENT FROM WDT TO TIMER0
TABLE 5-1:
REGISTERS ASSOCIATED WITH TIMER0
Note:
Writing to TMR0 when the prescaler is
assigned to Timer0, will clear the prescaler
count but will not change the prescaler
assignment.
1)
BSF
STATUS, RP0
; Bank1
2)
MOVLW
b’xx0x0xxx’
; Select clock source and prescale value of
3)
MOVWF
OPTION_REG
; other than 1:1
4)
BCF
STATUS, RP0
; Bank0
5)
CLRF
TMR0
; Clear TMR0 and prescaler
6)
BSF
STATUS, RP1
; Bank1
7)
MOVLW
b’xxxx1xxx’
; Select WDT, do not change prescale value
8)
MOVWF
OPTION_REG
9)
CLRWDT
; Clears WDT and prescaler
10) MOVLW
b’xxxx1xxx’
; Select new prescale value and WDT
11) MOVWF
OPTION_REG
12) BCF
STATUS, RP0
; Bank0
CLRWDT
; Clear WDT and prescaler
BSF
STATUS, RP0
; Bank1
MOVLW
b’xxxx0xxx’
; Select TMR0, new prescale
MOVWF
OPTION_REG
; value and clock source
BCF
STATUS, RP0
; Bank0
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on
all other
RESETS
01h,101h
TMR0
Timer0 Module Register
xxxx xxxx
uuuu uuuu
0Bh,8Bh,
10Bh,18Bh
INTCON
GIE
PEIE
TMR0IE
INTE
RBIE
TMR0IF
INTF
RBIF
0000 000x
0000 000u
81h,181h
OPTION_REG RBPU INTEDG
T0CS
T0SE
PSA
PS2
PS1
PS0
1111 1111
1111 1111
Legend: x = unknown, u = unchanged, - = unimplemented locations read as ’0’. Shaded cells are not used by Timer0.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com