Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F76-I/P Datasheet(PDF) 173 Page - Microchip Technology

Part # PIC16F76-I/P
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F76-I/P Datasheet(HTML) 173 Page - Microchip Technology

Back Button PIC16F76-I/P Datasheet HTML 166Page - Microchip Technology PIC16F76-I/P Datasheet HTML 167Page - Microchip Technology PIC16F76-I/P Datasheet HTML 168Page - Microchip Technology PIC16F76-I/P Datasheet HTML 169Page - Microchip Technology PIC16F76-I/P Datasheet HTML 170Page - Microchip Technology PIC16F76-I/P Datasheet HTML 171Page - Microchip Technology PIC16F76-I/P Datasheet HTML 172Page - Microchip Technology PIC16F76-I/P Datasheet HTML 173Page - Microchip Technology PIC16F76-I/P Datasheet HTML 174Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 173 / 174 page
background image
 2002 Microchip Technology Inc.
DS30325B-page 171
PIC16F7X
PIC16F7X PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, refer to the factory or the listed sales office.
Sales and Support
PART NO.
X
/XX
XXX
Pattern
Package
Temperature
Range
Device
Device
PIC16F7X(1), PIC16F7XT(1); VDD range 4.0V to 5.5V
PIC16LF7X(1), PIC16LF7XT(1); VDD range 2.0V to 5.5V
Temperature Range
I
= -40
°C to +85°C
(Industrial)
E= -40
°C to +125°C
(Extended)
Package
ML
=
MLF (Micro Lead Frame)
PT
=
TQFP (Thin Quad Flatpack)
SO
=
SOIC
SP
=
Skinny Plastic DIP
P=
PDIP
L=
PLCC
SS
=
SSOP
Pattern
QTP, SQTP, Code or Special Requirements
(blank otherwise)
Examples:
a)
PIC16F77-I/P 301 = Industrial temp., PDIP
package, normal VDD limits, QTP pattern #301.
b)
PIC16LF76-I/SO = Industrial temp., SOIC
package, Extended VDD limits.
c)
PIC16F74-E/P = Extended temp., PDIP
package, normal VDD limits.
Note 1:
F
= CMOS FLASH
LF = Low Power CMOS FLASH
2:
T
= in tape and reel - SOIC, PLCC,
SSOP, TQFP packages only.
Data Sheets
Products supported by a preliminary Data Sheet may have an errata sheet describing minor operational differences and recom-
mended workarounds. To determine if an errata sheet exists for a particular device, please contact one of the following:
1.
Your local Microchip sales office
2.
The Microchip Corporate Literature Center U.S. FAX: (480) 792-7277
3.
The Microchip Worldwide Site (www.microchip.com)
Please specify which device, revision of silicon and Data Sheet (include Literature #) you are using.
New Customer Notification System
Register on our web site (www.microchip.com/cn) to receive the most current information on our products.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com