Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

DMHT6016LFJ-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMHT6016LFJ-13
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMHT6016LFJ-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMHT6016LFJ-13 Datasheet HTML 1Page - Diodes Incorporated DMHT6016LFJ-13 Datasheet HTML 2Page - Diodes Incorporated DMHT6016LFJ-13 Datasheet HTML 3Page - Diodes Incorporated DMHT6016LFJ-13 Datasheet HTML 4Page - Diodes Incorporated DMHT6016LFJ-13 Datasheet HTML 5Page - Diodes Incorporated DMHT6016LFJ-13 Datasheet HTML 6Page - Diodes Incorporated DMHT6016LFJ-13 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
DMHT6016LFJ
Document number: DS37895 Rev. 2 - 2
1 of 7
www.diodes.com
November 2016
© Diodes Incorporated
DMHT6016LFJ
60V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
Product Summary
BVDSS
RDS(ON)
ID
TA = +25°C
60V
22
mΩ @ VGS = 10V
10.6A
30
mΩ @ VGS = 4.5V
8.7A
Description
This new generation complementary MOSFET H-Bridge features low
on-resistance achievable with low gate drive.
Applications
Motor Control
DC-DC Converters
Power Management
Features
Thermally Efficient Package
– Cooler Running Applications
High Conversion Efficiency
Low RDS(ON) – Minimizes On-State Losses
Low Input Capacitance
Fast Switching Speed
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Mechanical Data
Case: V-DFN5045-12 (Type B)
Case M
aterial: Molded Plastic, ―Green‖ Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminal Connections: See Diagram
Terminals: Finish
– Matte Tin Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.097 grams (Approximate)
Ordering Information (Note 4)
Part Number
Case
Packaging
DMHT6016LFJ-13
V-DFN5045-12 (Type B)
3,000/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html
for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-
free "Green‖ products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Bottom View
Top View
V-DFN5045-12 (Type B)
Internal Schematic
12
11
10
9
8
7
1
2
3
4
5
6
G1
D1/D4
S1/D2
G2
S2
S2
G4
D1/D4
S4/D3
G3
S3
S3
Q1
Q2
Q4
Q3
Pin 1
S4/D3
D1/D4
S1/D2
S3
S3
G3
D3/S4
D1/D4
G4
G1
D1/D4
S1/D2
G2
S2
S2
T616LJ
WW
YY
=Manufacturer’s Marking
T616LJ = Product Type Marking Code
YYWW = Date Code Marking
YY = Last Two Digits of Year (ex: 16 = 2016)
WW = Week Code (01 to 53)


Similar Part No. - DMHT6016LFJ-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMHT10H032LFJ DIODES-DMHT10H032LFJ Datasheet
500Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
June 2020 Rev. 2 - 2
DMHT10H032LFJ-13 DIODES-DMHT10H032LFJ-13 Datasheet
500Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
June 2020 Rev. 2 - 2
DMHT3006LFJ DIODES-DMHT3006LFJ Datasheet
434Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
September 2018 Rev. 3 - 2
DMHT3006LFJ-13 DIODES-DMHT3006LFJ-13 Datasheet
434Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
September 2018 Rev. 3 - 2
More results

Similar Description - DMHT6016LFJ-13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8 Datasheet
286Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
ZXMHN6A07T8 ZETEX-ZXMHN6A07T8 Datasheet
177Kb / 7P
60V N-CHANNEL MOSFET H-BRIDGE
ZXMHC6A07T8 ZETEX-ZXMHC6A07T8_05 Datasheet
276Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
logo
Diodes Incorporated
ZXMHC6A07N8 DIODES-ZXMHC6A07N8 Datasheet
737Kb / 11P
60V SO8 Complementary enhancement mode MOSFET H-Bridge
ZXMHC6A07T8 DIODES-ZXMHC6A07T8 Datasheet
283Kb / 10P
COMPLEMENTARY 60V ENHANCEMENT MODE MOSFET H-BRIDGE
MAY 2005
ZXMHN6A07T8 DIODES-ZXMHN6A07T8 Datasheet
186Kb / 7P
60V N-CHANNEL MOSFET H-BRIDGE
MAY 2004
logo
Unisonic Technologies
2NNPP06 UTC-2NNPP06 Datasheet
221Kb / 6P
60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE (N-CHANNEL/P-CHANNEL)
logo
Diodes Incorporated
DMHC6070LSD DIODES-DMHC6070LSD Datasheet
589Kb / 10P
60V COMPLEMENTARY ENHANCEMENT MODE MOSFET H-BRIDGE
April 2016
DMHT10H032LFJ DIODES-DMHT10H032LFJ Datasheet
500Kb / 7P
100V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
June 2020 Rev. 2 - 2
DMHT3006LFJ DIODES-DMHT3006LFJ Datasheet
434Kb / 7P
30V N-CHANNEL ENHANCEMENT MODE MOSFET H-BRIDGE
September 2018 Rev. 3 - 2
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com