Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

F16007 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F16007
Description  Florence Lens array
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F16007 Datasheet(HTML) 1 Page - Ledil, Inc.

  F16007 Datasheet HTML 1Page - Ledil, Inc. F16007 Datasheet HTML 2Page - Ledil, Inc. F16007 Datasheet HTML 3Page - Ledil, Inc. F16007 Datasheet HTML 4Page - Ledil, Inc. F16007 Datasheet HTML 5Page - Ledil, Inc. F16007 Datasheet HTML 6Page - Ledil, Inc. F16007 Datasheet HTML 7Page - Ledil, Inc. F16007 Datasheet HTML 8Page - Ledil, Inc. F16007 Datasheet HTML 9Page - Ledil, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
PRODUCT DATASHEET
Florence series
last update 16/10/2017
DETAILS
Product Number
F16007_FLORENCE2-Z90
Family
Florence
Type
Lens array
Color
clear
Diameter
mm
Height
mm
Style
rectang
Optic Material
Holder Material
Fastening
screw
Status
sample approved
ROHS Compliant
Yes
Date Updated
16/10/2017
OPTICAL PROPERTIES
Viewing
Light
Effi-
LED
Angle
Beam
ciency
cd/lm
Connector
Duris E5
sim: 85
WWW-class sim: 94 % sim: 0.580 -
Fortimo LED Line 1ft 650lm 8x0 3R xV2/xV3
85 deg
WWW-class 94 %
0.590
-
LM561B Plus
81 deg
WWW-class 94 %
0.620
-
SEOUL 3528
sim: 83
WWW-class sim: 92 % sim: 0.580 -
January 24th 2018 2:16 Copyright Ledil Oy - Subject to change without prior notice - Page 1/1
Ledil Oy
Salorankatu 10
24240 SALO, Finland
http://www.ledil.com
email: ledil@ledil.com
FAX: +358-2-733 8001


Similar Part No. - F16007

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F16007 LEDIL-F16007 Datasheet
7Mb / 7P
~90째 wide beam
logo
Alpha Wire
F16007KW ALPHAWIRE-F16007KW Datasheet
412Kb / 4P
16 (65/34) AWG Bare Copper
F16007LW ALPHAWIRE-F16007LW Datasheet
412Kb / 4P
16 (65/34) AWG Bare Copper
F16007RW ALPHAWIRE-F16007RW Datasheet
412Kb / 4P
16 (65/34) AWG Bare Copper
logo
Ledil, Inc.
F16007 LEDIL-F16007_18 Datasheet
7Mb / 7P
~90째 wide beam
More results

Similar Description - F16007

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
C14454 LEDIL-C14454 Datasheet
2Mb / 41P
Florence Lens
C14530 LEDIL-C14530 Datasheet
2Mb / 45P
Florence Lens
C14642 LEDIL-C14642 Datasheet
2Mb / 51P
Florence Lens
F13853 LEDIL-F13853 Datasheet
3Mb / 66P
Florence Lens array
F14112 LEDIL-F14112 Datasheet
4Mb / 66P
Florence Lens
F14170 LEDIL-F14170 Datasheet
4Mb / 58P
Florence Lens array
F14304 LEDIL-F14304 Datasheet
2Mb / 50P
Florence Lens
F15244 LEDIL-F15244 Datasheet
1Mb / 11P
Florence Lens array
F16261 LEDIL-F16261 Datasheet
1Mb / 10P
Florence Lens array
F15069 LEDIL-F15069 Datasheet
1Mb / 25P
Florence Lens array
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com