Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

PIC16F76-E/L Datasheet(PDF) 32 Page - Microchip Technology

Part # PIC16F76-E/L
Description  28/40-pin, 8-bit CMOS FLASH Microcontrollers
PDF  174 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

PIC16F76-E/L Datasheet(HTML) 32 Page - Microchip Technology

Back Button PIC16F76-E/L Datasheet HTML 28Page - Microchip Technology PIC16F76-E/L Datasheet HTML 29Page - Microchip Technology PIC16F76-E/L Datasheet HTML 30Page - Microchip Technology PIC16F76-E/L Datasheet HTML 31Page - Microchip Technology PIC16F76-E/L Datasheet HTML 32Page - Microchip Technology PIC16F76-E/L Datasheet HTML 33Page - Microchip Technology PIC16F76-E/L Datasheet HTML 34Page - Microchip Technology PIC16F76-E/L Datasheet HTML 35Page - Microchip Technology PIC16F76-E/L Datasheet HTML 36Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 174 page
background image
PIC16F7X
DS30325B-page 30
 2002 Microchip Technology Inc.
3.3
Reading the FLASH Program
Memory
A program memory location may be read by writing two
bytes of the address to the PMADR and PMADRH reg-
isters and then setting control bit RD (PMCON1<0>).
Once the read control bit is set, the microcontroller will
use the next two instruction cycles to read the data. The
data is available in the PMDATA and PMDATH regis-
ters after the second NOP instruction. Therefore, it can
be read as two bytes in the following instructions. The
PMDATA and PMDATH registers will hold this value
until the next read operation.
3.4
Operation During Code Protect
FLASH program memory has its own code protect
mechanism. External Read and Write operations by
programmers are disabled if this mechanism is
enabled.
The microcontroller can read and execute instructions
out of the internal FLASH program memory, regardless
of the state of the code protect configuration bits.
EXAMPLE 3-1:
FLASH PROGRAM READ
TABLE 3-1:
REGISTERS ASSOCIATED WITH PROGRAM FLASH
BSF
STATUS, RP1
;
BCF
STATUS, RP0
; Bank 2
MOVF
ADDRH, W
;
MOVWF
PMADRH
; MSByte of Program Address to read
MOVF
ADDRL, W
;
MOVWF
PMADR
; LSByte of Program Address to read
BSF
STATUS, RP0
; Bank 3 Required
Required
BSF
PMCON1, RD
; EEPROM Read Sequence
Sequence
NOP
; memory is read in the next two cycles after BSF PMCON1,RD
NOP
;
BCF
STATUS, RP0
; Bank 2
MOVF
PMDATA, W
; W = LSByte of Program PMDATA
MOVF
PMDATH, W
; W = MSByte of Program PMDATA
Address
Name
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Value on:
POR,
BOR
Value on
all other
RESETS
10Dh
PMADR
Address Register Low Byte
xxxx xxxx
uuuu uuuu
10Fh
PMADRH
—
—
—
Address Register High Byte
xxxx xxxx
uuuu uuuu
10Ch
PMDATA Data Register Low Byte
xxxx xxxx
uuuu uuuu
10Eh
PMDATH
—
—
Data Register High Byte
xxxx xxxx
uuuu uuuu
18Ch
PMCON1
—(1)
—
—
—
—
—
—
RD
1--- ---0
1--- ---0
Legend:
x
= unknown, u = unchanged, r = reserved, - = unimplemented read as '0'. Shaded cells are not used during FLASH access.
Note
1:
This bit always reads as a ‘1’.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com