| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about STW21NM50N Datasheet
# Example questions:
➢ List three different package types detailed in the document and identify the purpose of the dimension 'l' for each of these package types.
➢ Compare and contrast the lead pitch ('e') of the to-262 (i2pak) and to-220 packages. what are their respective values?
➢ What are the key dimensions of the to-220 package, specifically providing the minimum and maximum values for 'd' (length) and 'e' (width)?
️· Package Types: The datasheet provides detailed dimensions for the following package types:
- TO-262 (I2PAK)
- TO-220
- TO-220 (Detailed dimensions, likely a variant)
- DPAK (not explicitly stated, but implied by I2PAK)
- TO-220 (more details.)
️· Dimensions: For each package, the datasheet lists numerous dimensions (A, b, c, D, E, L, etc.) in both millimeters (mm) and inches (in). These dimensions are typically "MIN," "TYP," and "MAX," indicating the minimum, typical, and maximum allowed values for each dimension.
️· Purpose: This information is critical for:
- PCB Layout: Engineers use these dimensions to design printed circuit boards (PCBs) to accommodate the devices. Accurate dimensions ensure that the devices fit properly and can be soldered onto the PCB.
- Mechanical Design: It's also important for mechanical enclosure design, ensuring that the device doesn't interfere with other components or the case.
- Manufacturing: The dimensions are used during the manufacturing process to ensure proper component placement and assembly.
️· Part Number/Device: The datasheet does *not* state for which specific device (transistor, IC, etc.) these package dimensions apply. It's a general mechanical drawing for those packages.
️· Package Types: The datasheet provides detailed dimensions for the following package types:
- TO-262 (I2PAK)
- TO-220
- TO-220 (Detailed dimensions, likely a variant)
- DPAK (not explicitly stated, but implied by I2PAK)
- TO-220 (more details.)
️· Dimensions: For each package, the datasheet lists numerous dimensions (A, b, c, D, E, L, etc.) in both millimeters (mm) and inches (in). These dimensions are typically "MIN," "TYP," and "MAX," indicating the minimum, typical, and maximum allowed values for each dimension.
️· Purpose: This information is critical for:
- PCB Layout: Engineers use these dimensions to design printed circuit boards (PCBs) to accommodate the devices. Accurate dimensions ensure that the devices fit properly and can be soldered onto the PCB.
- Mechanical Design: It's also important for mechanical enclosure design, ensuring that the device doesn't interfere with other components or the case.
- Manufacturing: The dimensions are used during the manufacturing process to ensure proper component placement and assembly.
️· Part Number/Device: The datasheet does *not* state for which specific device (transistor, IC, etc.) these package dimensions apply. It's a general mechanical drawing for those packages.
| Part No. | STW21NM50N |
| Manufacturer | STMICROELECTRONICS |
| Size | 633 Kbytes |
| Pages | 16 pages |
| Description | N-CHANNEL 500V - 0.15ohm - 18A TO-220/FP/D2/I2PAK/TO-247 SECOND GENERATION MDmesh MOSFET |