Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

AX88170L Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about AX88170L Datasheet

  • # Example questions: ➢ What is the purpose of the 'mdc' signal?
    ➢ What type of signal is 'mdio' (input, output, or input/output) and what is its function?
    ➢ When are txd[3:0] signals accepted for transmission by the phy?

  • Part No.AX88170L
    ManufacturerASIX
    Size316 Kbytes
    Pages39 pages
    DescriptionUSB to Fast Ethernet/HomePNA Controller
    Datasheet Summary with AI

    Okay, I'm going to attempt to summarize the information you've provided. This is a bit challenging because the content appears to be a fragmented section of a datasheet or technical document, and there are some repeating elements. I'll focus on extracting the key points and organizing them.

    Overall Context:

    This excerpt describes the MII (Media Independent Interface) pins used within an integrated circuit (likely a network interface controller or similar device). The MII is a standard interface that allows the device to communicate with a PHY (Physical Layer) chip that handles the actual transmission and reception of data over a physical medium (like Ethernet cable).

    Key Information:

    1. Interface Type: MII (Media Independent Interface).
    2. Purpose: To connect the integrated circuit to a PHY chip. The PHY handles the physical transmission and reception of data.
    3. Pin Descriptions (with pins):

    - TXD[3:0]: Transmit Data. These are 4 data lines used to send data from the integrated circuit *to* the PHY. Each `TXD[i]` represents a single bit of data.
    - TX_CLK: Transmit Clock. This clock signal is used to synchronize the transmission of data from the integrated circuit to the PHY. It's generated by the integrated circuit.
    - MDC: Management Data Clock. This clock signal is used for management and control operations between the integrated circuit and the PHY. It's a lower frequency clock used for configuration and status updates.
    - MDIO: Management Data Input/Output. This is a bidirectional data line used for the management and control operations with the PHY.

    Important Considerations (based on the data):

    ️· Data Synchronization: `TX_CLK` is crucial for synchronized data transfer.

    ️· Management/Configuration: `MDC` and `MDIO` are used for configuring the PHY and reading its status. These are not involved in regular data transmission.
    ️· Bidirectional Nature: While `TXD[3:0]` and `TX_CLK` are primarily for transmitting data *from* the IC *to* the PHY, `MDIO` is a bidirectional signal.

    Limitations of this summary:

    ️· Incomplete Picture: This is just a snippet. A full datasheet would have more detail about the timing, voltage levels, and other electrical characteristics of these signals.
    ️· Repetitions: The repeated table segments suggest this information might have been extracted from a larger document.



    To help me further refine this summary, could you tell me:

    * What is the specific device this datasheet refers to?
    * What are you trying to understand about this interface?

    Overall Context:

    This excerpt describes the MII (Media Independent Interface) pins used within an integrated circuit (likely a network interface controller or similar device). The MII is a standard interface that allows the device to communicate with a PHY (Physical Layer) chip that handles the actual transmission and reception of data over a physical medium (like Ethernet cable).

    Key Information:

    1. Interface Type: MII (Media Independent Interface).
    2. Purpose: To connect the integrated circuit to a PHY chip. The PHY handles the physical transmission and reception of data.
    3. Pin Descriptions (with pins):

    - TXD[3:0]: Transmit Data. These are 4 data lines used to send data from the integrated circuit *to* the PHY. Each `TXD[i]` represents a single bit of data.
    - TX_CLK: Transmit Clock. This clock signal is used to synchronize the transmission of data from the integrated circuit to the PHY. It's generated by the integrated circuit.
    - MDC: Management Data Clock. This clock signal is used for management and control operations between the integrated circuit and the PHY. It's a lower frequency clock used for configuration and status updates.
    - MDIO: Management Data Input/Output. This is a bidirectional data line used for the management and control operations with the PHY.

    Important Considerations (based on the data):

    ️· Data Synchronization: `TX_CLK` is crucial for synchronized data transfer.
    ️· Management/Configuration: `MDC` and `MDIO` are used for configuring the PHY and reading its status. These are not involved in regular data transmission.
    ️· Bidirectional Nature: While `TXD[3:0]` and `TX_CLK` are primarily for transmitting data *from* the IC *to* the PHY, `MDIO` is a bidirectional signal.

    Limitations of this summary:

    ️· Incomplete Picture: This is just a snippet. A full datasheet would have more detail about the timing, voltage levels, and other electrical characteristics of these signals.
    ️· Repetitions: The repeated table segments suggest this information might have been extracted from a larger document.

    Part No.AX88170L
    ManufacturerASIX
    Size316 Kbytes
    Pages39 pages
    DescriptionUSB to Fast Ethernet/HomePNA Controller