Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RC0097B Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about RC0097B_15 Datasheet

  • # Example questions: ➢ What are the minimum and maximum dimensions (in inches) for the ‘c’ dimension of the axial lead diode case outline?
    ➢ How does the instantaneous forward voltage drop (vf1 & vf2) change when the forward current increases from 1a to 3a at 25ºc?
    ➢ What is the maximum average rectified forward current (io) that the sdr3nhf rectifier can handle?

  • Part No.RC0097B_15
    ManufacturerSSDI
    Size175 Kbytes
    Pages2 pages
    DescriptionHyper Fast Rectifier
    Datasheet Summary with AI

    # SDR3KHF & SDR3KHFSMS thru SDR3NHF & SDR3NHFSMS Hyper Fast Rectifier

    ## Electrical Characteristics

    ️· Voltage: 800 - 1200 V
    ️· Current: 3.0 Amps (Average Rectified Forward)
    ️· Surge Current: 70 Amps (8.3 ms pulse)
    ️· Reverse Recovery Time: 35 nsec
    ️· Forward Voltage Drop (IF=1A): 1.9 - 2.0 VDC
    ️· Forward Voltage Drop (IF=3A): 3.1 - 3.2 VDC
    ️· Reverse Leakage Current (TA=25ºC): 10 µA
    ️· Reverse Leakage Current (TA=100ºC): 300 µA
    ️· Junction Capacitance: 30 pF

    ## Operating Conditions

    ️· Operating & Storage Temperature: -65 to +175 ºC
    ️· Thermal Resistance (Junction to Leads): 16 ºC/W
    ️· Thermal Resistance (Junction to Tabs): 12 ºC/W

    ## Package Options

    ️· Axial Lead
    ️· Surface Mount Square Tab (SMS)

    ## Dimensions

    ️· Axial:
    - A: ––, 0.165”
    - B: ––, 0.220”
    - C: 0.047”, 0.053”
    - D: 0.950”, ––
    ️· SMS:
    - A: 0.172”, 0.180”
    - B: 0.180”, 0.280”
    - C: 0.022”, 0.028”
    - D: 0.002”, ––

    ## Notes

    ️· Screening flow available on request (meets requirements of MIL-S-19500).

    # SDR3KHF & SDR3KHFSMS thru SDR3NHF & SDR3NHFSMS Hyper Fast Rectifier

    ## Electrical Characteristics

    ️· Voltage: 800 - 1200 V
    ️· Current: 3.0 Amps (Average Rectified Forward)
    ️· Surge Current: 70 Amps (8.3 ms pulse)
    ️· Reverse Recovery Time: 35 nsec
    ️· Forward Voltage Drop (IF=1A): 1.9 - 2.0 VDC
    ️· Forward Voltage Drop (IF=3A): 3.1 - 3.2 VDC
    ️· Reverse Leakage Current (TA=25ºC): 10 µA
    ️· Reverse Leakage Current (TA=100ºC): 300 µA
    ️· Junction Capacitance: 30 pF

    ## Operating Conditions

    ️· Operating & Storage Temperature: -65 to +175 ºC
    ️· Thermal Resistance (Junction to Leads): 16 ºC/W
    ️· Thermal Resistance (Junction to Tabs): 12 ºC/W

    ## Package Options

    ️· Axial Lead
    ️· Surface Mount Square Tab (SMS)

    ## Dimensions

    ️· Axial:
    - A: ––, 0.165”
    - B: ––, 0.220”
    - C: 0.047”, 0.053”
    - D: 0.950”, ––
    ️· SMS:
    - A: 0.172”, 0.180”
    - B: 0.180”, 0.280”
    - C: 0.022”, 0.028”
    - D: 0.002”, ––

    ## Notes

    ️· Screening flow available on request (meets requirements of MIL-S-19500).

    Part No.RC0097B_15
    ManufacturerSSDI
    Size175 Kbytes
    Pages2 pages
    DescriptionHyper Fast Rectifier