Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

RC0097B Datasheet(PDF) 2 Page - Solid States Devices, Inc

Part # RC0097B
Description  Hyper Fast Rectifier
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SSDI [Solid States Devices, Inc]
Direct Link  http://www.ssdi-power.com
Logo SSDI - Solid States Devices, Inc

RC0097B Datasheet(HTML) 2 Page - Solid States Devices, Inc

  RC0097B_15 Datasheet HTML 1Page - Solid States Devices, Inc RC0097B_15 Datasheet HTML 2Page - Solid States Devices, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Solid State Devices, Inc.
14701 Firestone Blvd * La Mirada, Ca 90638
Phone: (562) 404-4474 * Fax: (562) 404-1773
ssdi@ssdi-power.com * www.ssdi-power.com
SDR3DHF & SDR3DHFSMS
thru
SDR3NHF & SDR3NHFSMS
Electrical Characteristic
Symbol
Max
Units
Instantaneous Forward Voltage Drop
(TA = 25ºC, pulsed)
IF = 1A
IF = 3A
VF1
VF2
1.9
3.1
VDC
Instantaneous Forward Voltage Drop
(TA = -55ºC, pulsed)
IF = 1A
IF = 3A
VF3
VF4
2.0
3.2
VDC
Reverse Leakage Current
(Rated VR, TA = 25ºC, pulsed)
IR1
10
µA
Reverse Leakage Current
(Rated VR, TA = 100ºC, pulsed)
IR2
300
µA
Reverse Recovery Time
(IF = 500mA, IR = 1A, IRR = 250mA, TA =
25ºC)
tRR
35
nsec
Junction Capacitance
(VR = 10VDC, f = 1MHz, TA = 25ºC)
CJ
30
pF
Case Outline: (Axial)
DIM
MIN
MAX
A
––
0.165”
B
––
0.220”
C
0.047”
0.053”
D
0.950”
––
Case Outline: (SMS)
DIM
MIN
MAX
A
0.172”
0.180”
B
0.180”
0.280”
C
0.022”
0.028”
D
0.002”
--
NOTE: All specifications are subject to change without notification.
SCD's for these devices should be reviewed by SSDI prior to release.
DATA SHEET #: RC0097B
DOC



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com