| Electronic Components Datasheet Search |
|
The question interval is too short.
Please try again in a few seconds.
Hello, Please ask a question about 2-SIP Datasheet
# Example questions:
➢ What is the typical response time for the sensor to reach 63% of a step change in relative humidity?
➢ What is the maximum supply voltage allowed for this sensor?
➢ What are the available part numbers for a sensor with 2% accuracy, operating at 5v, and set to sleep mode?
# ChipCap® 2-SIP Humidity and Temperature Sensor
## Description
A Single In-Line Package humidity and temperature sensor featuring a V-Core capacitor for easy application. It’s a cost-effective solution with a capacitive polymer sensor and integrated CMOS circuit. Individually calibrated and tested, it performs ±2%RH (20-80%RH) and offers reliable sensing.
## Features
· Fully Calibrated & Temperature Compensated
· Digital (I²C) Output
· Precision and Accuracy (±2%RH, ±0.3°C, 20-bit resolution)
· Operating Voltage: 2.3V - 5.5V
· Low Current Consumption
· SIP (Single-In-line-Package)
· Reliable in Harsh Environments
· Field Replaceable
## Applications
· HVAC Control (Air Conditioning, Refrigeration)
· Process Control
· Medical Instruments
· Weather Stations
· Automotive Cabin Climate Control
## Sensor Performance
️· Relative Humidity (RH%)
- Accuracy: ±2.0%RH (20-80%RH), ±3% overall
- Resolution: 0.01%RH
- Repeatability: ±0.2%RH
- Response Time: 7.0 seconds
- Operating Range: 0-100%RH (non-condensing)
️· Temperature (°C)
- Accuracy: ±0.3°C
- Repeatability: ±0.1°C
- Response Time: 5.0 seconds
- Operating Range: -40°C to 125°C
## Electrical Specifications
️· Supply Voltage: 2.3V - 5.5V
️· Supply Current (typical): 750 µA
️· Sleep Current (typical): 0.6 µA
## Environmental
️· Operating Temperature: -40°C to 125°C
️· Operating Humidity: 0-100%RH (non-condensing)
## Absolute Maximum Ratings
️· Supply Voltage (VDD): -0.3V to 6.0V
️· Storage Temperature: -55°C to 150°C
️· Junction Temperature: -55°C to 150°C
## Ordering Information (Examples)
️· CC2D23-SIP: I²C, 2%, 3.3V Update
️· CC2D23S-SIP: I²C, 2%, 3.3V Sleep
# ChipCap® 2-SIP Humidity and Temperature Sensor
## Description
A Single In-Line Package humidity and temperature sensor featuring a V-Core capacitor for easy application. It’s a cost-effective solution with a capacitive polymer sensor and integrated CMOS circuit. Individually calibrated and tested, it performs ±2%RH (20-80%RH) and offers reliable sensing.
## Features
· Fully Calibrated & Temperature Compensated
· Digital (I²C) Output
· Precision and Accuracy (±2%RH, ±0.3°C, 20-bit resolution)
· Operating Voltage: 2.3V - 5.5V
· Low Current Consumption
· SIP (Single-In-line-Package)
· Reliable in Harsh Environments
· Field Replaceable
## Applications
· HVAC Control (Air Conditioning, Refrigeration)
· Process Control
· Medical Instruments
· Weather Stations
· Automotive Cabin Climate Control
## Sensor Performance
️· Relative Humidity (RH%)
- Accuracy: ±2.0%RH (20-80%RH), ±3% overall
- Resolution: 0.01%RH
- Repeatability: ±0.2%RH
- Response Time: 7.0 seconds
- Operating Range: 0-100%RH (non-condensing)
️· Temperature (°C)
- Accuracy: ±0.3°C
- Repeatability: ±0.1°C
- Response Time: 5.0 seconds
- Operating Range: -40°C to 125°C
## Electrical Specifications
️· Supply Voltage: 2.3V - 5.5V
️· Supply Current (typical): 750 µA
️· Sleep Current (typical): 0.6 µA
## Environmental
️· Operating Temperature: -40°C to 125°C
️· Operating Humidity: 0-100%RH (non-condensing)
## Absolute Maximum Ratings
️· Supply Voltage (VDD): -0.3V to 6.0V
️· Storage Temperature: -55°C to 150°C
️· Junction Temperature: -55°C to 150°C
## Ordering Information (Examples)
️· CC2D23-SIP: I²C, 2%, 3.3V Update
️· CC2D23S-SIP: I²C, 2%, 3.3V Sleep
| Part No. | 2-SIP |
| Manufacturer | AMPHENOL |
| Size | 138 Kbytes |
| Pages | 4 pages |
| Description | Fully Calibrated & Temperature Compensated |