Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS3USB221 Datasheet with Chat AI
  • AIauthorized

    Hello, Please ask a question about TS3USB221_17 Datasheet

  • # Example questions: ➢ What is the maximum propagation delay (tpd) when vcc = 5v?
    ➢ What is the typical bandwidth (-3 db) of the device when vcc = 3v?
    ➢ What is the typical output skew between the center port to any other port (tsk(o)) when vcc = 3v?

  • Part No.TS3USB221_17
    ManufacturerTI1
    Size1Mb
    Pages27 pages
    DescriptionHigh-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
    Datasheet Summary with AI

    # TS3USB221 High-Speed USB 2.0 Multiplexer/Demultiplexer Switch

    ## Features
    ️· VCC Operation: 2.3 V to 3.6 V
    ️· I/O Accepts Signals up to 5.5 V
    ️· 1.8-V Compatible Control Inputs
    ️· Low-Power Mode: 1 µA (OE disabled)
    ️· rON: 6 Ω Maximum
    ️· ΔrON: 0.2 Ω Typical
    ️· Cio(on): 6 pF Maximum
    ️· ESD Protection: >2000 V (HBM)
    ️· Bandwidth: 1.1 GHz Typical

    ## Applications
    ️· USB Signal Routing
    ️· Mobile Industry Processor Interface (MIPI) Signal Routing
    ️· MHL 1.0

    ## Specifications
    ️· Absolute Maximum Rating VCC: 4.6V

    ️· Operating Temperature: -40°C to 85°C
    ️· Supply Current: 30 µA (max), 1 µA (low power mode)

    ## Dynamic Characteristics
    ️· Crosstalk: -40 dB (3.3V), -39 dB (2.5V)
    ️· Bandwidth (-3dB): 1.1 GHz

    ## Switching Characteristics (3.3V)
    ️· Propagation Delay: 0.25 ns
    ️· Enable Time: 30 ns
    ️· Disable Time: 12 ns

    ## Package Options
    ️· VSON (10-pin, 3.00 mm x 3.00 mm)
    ️· UQFN (10-pin, 1.50 mm x 2.00 mm)

    # TS3USB221 High-Speed USB 2.0 Multiplexer/Demultiplexer Switch

    ## Features
    ️· VCC Operation: 2.3 V to 3.6 V
    ️· I/O Accepts Signals up to 5.5 V
    ️· 1.8-V Compatible Control Inputs
    ️· Low-Power Mode: 1 µA (OE disabled)
    ️· rON: 6 Ω Maximum
    ️· ΔrON: 0.2 Ω Typical
    ️· Cio(on): 6 pF Maximum
    ️· ESD Protection: >2000 V (HBM)
    ️· Bandwidth: 1.1 GHz Typical

    ## Applications
    ️· USB Signal Routing
    ️· Mobile Industry Processor Interface (MIPI) Signal Routing
    ️· MHL 1.0

    ## Specifications
    ️· Absolute Maximum Rating VCC: 4.6V
    ️· Operating Temperature: -40°C to 85°C
    ️· Supply Current: 30 µA (max), 1 µA (low power mode)

    ## Dynamic Characteristics
    ️· Crosstalk: -40 dB (3.3V), -39 dB (2.5V)
    ️· Bandwidth (-3dB): 1.1 GHz

    ## Switching Characteristics (3.3V)
    ️· Propagation Delay: 0.25 ns
    ️· Enable Time: 30 ns
    ️· Disable Time: 12 ns

    ## Package Options
    ️· VSON (10-pin, 3.00 mm x 3.00 mm)
    ️· UQFN (10-pin, 1.50 mm x 2.00 mm)

    Part No.TS3USB221_17
    ManufacturerTI1
    Size1Mb
    Pages27 pages
    DescriptionHigh-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable