Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TS3USB221 Datasheet(PDF) 10 Page - Texas Instruments

Part # TS3USB221
Description  High-Speed USB 2.0 (480-Mbps) 1:2 Multiplexer ??Demultiplexer Switch With Single Enable
PDF  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TS3USB221 Datasheet(HTML) 10 Page - Texas Instruments

Back Button TS3USB221_17 Datasheet HTML 6Page - Texas Instruments TS3USB221_17 Datasheet HTML 7Page - Texas Instruments TS3USB221_17 Datasheet HTML 8Page - Texas Instruments TS3USB221_17 Datasheet HTML 9Page - Texas Instruments TS3USB221_17 Datasheet HTML 10Page - Texas Instruments TS3USB221_17 Datasheet HTML 11Page - Texas Instruments TS3USB221_17 Datasheet HTML 12Page - Texas Instruments TS3USB221_17 Datasheet HTML 13Page - Texas Instruments TS3USB221_17 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
VCC
IIN
ron
V
IN
V
OUT2
or V
OUT1
I
IN
GND
Channel ON
1D
VCTRL
2D
D
VIN
VCTRL = VIH or VIL
VOUT2
VOUT1
+
+
S
800mV
800mV
400mV
400mV
50%
50%
50%
50%
50%
50%
50%
50%
50%
OUTPUTSKEWt
SK(P)
PULSESKEWt
SK(P)
t
= t
t
SK(P)
PHL
PLH
|
|
t
= t
t
SK(O)
PLH1
PLH2
|
| or |
|
t
t
PHL1
PHL2
Input
Input
Output
Output2
Output1
V
OL
V
OL
V
OL
V
OH
V
OH
V
OH
t
PLH
t
SK(O)
t
SK(O)
t
PHL2
t
PLH2
t
PLH1
t
PHL1
t
PHL
TS3USB221
SCDS220I – NOVEMBER 2006 – REVISED JANUARY 2016
www.ti.com
Parameter Measurement Information (continued)
Figure 11. Skew Test
Figure 12. ON-State Resistance (ron)
10
Submit Documentation Feedback
Copyright © 2006–2016, Texas Instruments Incorporated
Product Folder Links: TS3USB221



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com