Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TA2247A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA2247A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA2247A
Download  TA2247A Download
File Size   418.78 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description 1565.5MHz 81MHz BW SMD 3.0 x 3.0mm SAW RF Filter

TA2247A Datasheet (PDF)

Go To PDF Page Download Datasheet
TA2247A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA2247A
Download  TA2247A Click to download

File Size   418.78 Kbytes
Page   7 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description 1565.5MHz 81MHz BW SMD 3.0 x 3.0mm SAW RF Filter

TA2247A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TA2247A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2240A TAI-SAW-TA2240A Datasheet
419Kb / 7P
SAW Filter 1542.5 MHz
TA2241A TAI-SAW-TA2241A Datasheet
419Kb / 7P
SAW Filter 1257 MHz
TA2242A TAI-SAW-TA2242A Datasheet
419Kb / 7P
SAW Filter 1192 MHz
TA2243A TAI-SAW-TA2243A Datasheet
418Kb / 7P
SAW Filter 1582.5 MHz
TA2244A TAI-SAW-TA2244A Datasheet
765Kb / 6P
SAW Filter 868 MHz
More results


Similar Description - TA2247A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA1715A TAI-SAW-TA1715A Datasheet
183Kb / 7P
169.4 MHz 0.2MHz BW SMD 5.0 x 5.0 mm SAW RF Filter
TB0646A TAI-SAW-TB0646A Datasheet
288Kb / 6P
SAW Filter 81MHz 54 MHz BW (SMD 13.3횞6.5 mm)
TA0229A TAI-SAW-TA0229A Datasheet
142Kb / 7P
SAW Filter 2157.5 MHz 35MHz Bw SMD 3.0 x 3.0 mm
TA0229B TAI-SAW-TA0229B Datasheet
401Kb / 7P
SAW Filter 2157.5 MHz 35MHz Bw SMD 3.0 x 3.0 mm
logo
Golledge Electronics Lt...
MP01787 GOLLEDGE-MP01787 Datasheet
102Kb / 7P
IF SAW Filter: 70MHz (BW = 9MHz) SMD 13.3 X 6.5mm
logo
TAI-SAW TECHNOLOGY CO.,...
TA0166B TAI-SAW-TA0166B Datasheet
725Kb / 7P
SAW Filter 881.5 MHz 25 MHz Bw SMD 3.0 x 3.0 mm
TA2497A TAI-SAW-TA2497A Datasheet
475Kb / 8P
840.8MHz 1.3MHz BW SMD 3.0X3.0mm RF SAW Filter
TA2565A TAI-SAW-TA2565A Datasheet
339Kb / 7P
380MHz 8MHz BW SMD 3.0 x 3.0 mm SAW RF Filter
TA2590A TAI-SAW-TA2590A Datasheet
478Kb / 8P
840.8MHz 1.5MHz BW SMD 3.0X3.0mm RF SAW Filter
TA2655A TAI-SAW-TA2655A Datasheet
376Kb / 6P
916 MHz 0.65MHz BW SMD 3.8 x 3.8 mm SAW RF Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com