Electronic Components Datasheet Search
  New Zealand  ▼
ALLDATASHEET.CO.NZ

X  

TA2497A Datasheet (PDF) - TAI-SAW TECHNOLOGY CO., LTD.

TA2497A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.
Part # TA2497A
Download  TA2497A Download
File Size   475.06 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description 840.8MHz 1.3MHz BW SMD 3.0X3.0mm RF SAW Filter

TA2497A Datasheet (PDF)

Go To PDF Page Download Datasheet
TA2497A Datasheet PDF - TAI-SAW TECHNOLOGY CO., LTD.

Part # TA2497A
Download  TA2497A Click to download

File Size   475.06 Kbytes
Page   8 Pages
Manufacturer  TAI-SAW [TAI-SAW TECHNOLOGY CO., LTD.]
Direct Link  http://www.taisaw.com
Logo TAI-SAW - TAI-SAW TECHNOLOGY CO., LTD.
Description 840.8MHz 1.3MHz BW SMD 3.0X3.0mm RF SAW Filter

TA2497A Datasheet (HTML) - TAI-SAW TECHNOLOGY CO., LTD.




Similar Part No. - TA2497A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA2490A TAI-SAW-TA2490A Datasheet
857Kb / 6P
SAW Filter 440 MHz
TA2492A TAI-SAW-TA2492A Datasheet
887Kb / 7P
SAW Filter 433.92 MHz
TA2493A TAI-SAW-TA2493A Datasheet
727Kb / 7P
SAW Filter 1176.45 MHz SMD 3.0횞3.0mm
TA2493B TAI-SAW-TA2493B Datasheet
727Kb / 7P
SAW Filter 1176.45 MHz (BW 20.44 MHz) SMD 3.0횞3.0mm
TA2494A TAI-SAW-TA2494A Datasheet
841Kb / 7P
SAW Filter 1420 MHz
More results


Similar Description - TA2497A

ManufacturerPart #DatasheetDescription
logo
TAI-SAW TECHNOLOGY CO.,...
TA0748A TAI-SAW-TA0748A Datasheet
270Kb / 8P
SAW Filter 947.5 MHz SMD 3.0X3.0mm for GSM
TB0691A TAI-SAW-TB0691A Datasheet
269Kb / 7P
SAW Filter 70MHz 1.3MHz BW (SMD 13.3횞6.5 mm)
TB0940A TAI-SAW-TB0940A Datasheet
410Kb / 6P
SAW Filter 70 MHz(BW=1.3MHz) DIP 35.0mmx12.8mm
TA1377A TAI-SAW-TA1377A Datasheet
243Kb / 7P
SAW Filter 2338.75MHz BW12.5MHz SMD 3.0x3.0mm
TA1654A TAI-SAW-TA1654A Datasheet
222Kb / 7P
SAW Filter 1435MHz(BW 50MHz) SMD 3.0x3.0mm
TA1657A TAI-SAW-TA1657A Datasheet
251Kb / 7P
SAW Filter 2332.5 MHz(BW 25MHz) SMD 3.0x3.0mm
TA1667A TAI-SAW-TA1667A Datasheet
284Kb / 7P
SAW Filter 1268MHz BW 20MHz SMD 3.0x3.0mm
TA2247A TAI-SAW-TA2247A Datasheet
418Kb / 7P
1565.5MHz 81MHz BW SMD 3.0 x 3.0mm SAW RF Filter
TA2565A TAI-SAW-TA2565A Datasheet
339Kb / 7P
380MHz 8MHz BW SMD 3.0 x 3.0 mm SAW RF Filter
TA2590A TAI-SAW-TA2590A Datasheet
478Kb / 8P
840.8MHz 1.5MHz BW SMD 3.0X3.0mm RF SAW Filter
More results



Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com